Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M9120A Datasheet(PDF) 12 Page - Keysight Technologies

Part No. M9120A
Description  PXI Matrix Switch Modules
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M9120A Datasheet(HTML) 12 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12 | Keysight | PXI Matrix Switch Modules M9120A, M9121A, M9122A - Data Sheet
Coniguration and Ordering
Hardware
Model
Description
Each switch
includes:
Getting started guide, software drivers,
and Keysight I/O libraries
M9120A
PXI matrix switch: 4x32, 2-wire,
100V/2A, EM relays
M9121A
PXI high-density matrix switch: 4x64,
2-wire, 100V/0.5A, reed relays
M9122A
PXI matrix switch: 8x32, 1-wire,
100V/2A, armature relays
Accessories
M9120A
Description
Y1181A
PXI connector block: 78-pin, shielded,
female DSub
Y1187A
PXI connector cable: 78-pin, male-to
female, 1 meter
Y1188A
PXI connector cable: 78-pin, male-to
female, 2 meter
M9121A
Description
Y1182A
PXI connector block: 200-pin, shielded, male
Y1189A
PXI connector cable: 200-pin, LFH male
to four 50 pin Dtype female connectors,
1 meter
Y1190A
PXI connector cable: 200-pin, LFH male
to four 50 pin Dtype female connectors,
2 meter
M9122A
Description
Y1180A
PXI connector block: 50-pin, female DSub
Y1185A
PXI connector cable: 50-pin, male-tofemale,
1 meter
Y1186A
PXI connector cable: 50 pin, male-tofemale,
2 meter
Related Products
Model
Description
M9018A
Getting started guide, software drivers,
and Keysight I/O libraries
M9021A
PXI matrix switch: 4x32, 2-wire,
100V/2A, EM relays
M9045B
PXI high-density matrix switch: 4x64,
2-wire, 100V/0.5A, reed relays
Y1200B
PXI matrix switch: 8x32, 1-wire,
100V/2A, armature relays
M9048A
PCIe PC adapter
Y1202A
PCIe cable: x8, 2.0m (used with
M9047B)
Software
Model
Description
Supported
operating
systems
Microsoft Windows XP (32-bit),
Microsoft Windows Vista (32/64-bit)
Microsoft Windows 7 (32/64-bit)
Standard
compliant
drivers
IVI-COM, IVI-C, LabVIEW, MATLAB
Supported
application
development
environments
(ADE)
VisualStudio (VB.NET, C#, C/C++),
LabVIEW, LabWindows/CVI, MATLAB
Keysight IO
Libraries
Includes: VISA Libraries, Keysight
Connection Expert, IO Monitor
Recommended Chassis Coniguration
For the ultimate in speed and lexibility, combine your switches
with other PXI modules in the Keysight M9018A PXIe chassis as
follows:
– Select a PXIe system module, PCIe cable interface,or embed-
ded controller (the Keysight M9021A is recommended)
– If an external computer is being used, select an appropriate
PC interface card (the Keysight M9047A is recommended with
an external PC)
– Select an appropriate cable to connect the computer interface
board to the system module (the Y1202A is recommended to
connect the M9047A and M9021A)
Select rack mount and EMC iller panel kits as required


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn