Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M9120A Datasheet(PDF) 8 Page - Keysight Technologies

Part No. M9120A
Description  PXI Matrix Switch Modules
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M9120A Datasheet(HTML) 8 Page - Keysight Technologies

Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
08 | Keysight | PXI Matrix Switch Modules M9120A, M9121A, M9122A - Data Sheet
Speciications and Characteristics
General speciications
Slot type
PXI 1-slot
Connector type
M9120A
M9121A
M9122A
78 Dsub connector
block or cable
200 LFH connector
block or cable
50 Dsub connector block
or cable
Physical characteristics
Dimensions
– 3U/1-slot PXI/CompactPCI standard
– Connector slot compatibility: cPCI (J1), PXI-1, PXIe hybrid slot
Front panel complies with IEEE1101.10 certiication and compliance
Weight
M9120A
M9121A
M9122A
260 g
(.57 lbs)
400 g
(.88 lbs)
380 g
(.87 lbs)
Power requirements
M9120A
M9121A
M9122A
+3.3V
0
0
100 mA (typ)
+5V
400 mA (typ)
400 mA (280 mA) (typ)
400 mA (typ), 1.3 A max
+12V
0
0
50 mA (typ)
Environmental characteristics 1, 2
Temperature
Operating: 0° to 55°C
Non-operating: -40° to +70°C
Relative humidity
Relative humidity: Up to 95% R.H. at 40˚ C, non-condensing, pollution degree 1
EMC
European EMC Directive 2004/108/EC
– IEC/EN 61326-1
– CISPR Pub 11 Group 1, Class A
– AS/NZS CISPR 11
– ICES/NMB-001
Canadian ISM device ICS-001
Safety
European Low Voltage Directive 2006/95/EC
– ETL, UL/IEC/EN 61010-1, 2nd Edition
Altitude under relative humidity
Altitude: up to 4.6 km (15,000 ft)
Warm-up time
15 minutes, max
1. Samples of this product have been type tested in accordance with the Keysight Environmental Test Manual and veriied to be robust against the
environmental stresses of storage, transportation, and end-use; those stresses include, but are not limited to temperature, humidity, shock,
vibration, altitude, and power line conditions.
2. Test methods are aligned with IEC 60068-2 and levels are similar to MIL-PRF-28800F class 3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn