Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU4S041A-LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # LU4S041A-LF
Description  1횞4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LU4S041A-LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  LU4S041A-LF Datasheet HTML 1Page - Bothhand USA, LP. LU4S041A-LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“LAN-MATE” SERIES
1×4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
P/N: LU4S041A LF
Page : 1/ 2
A3(07/12)
Feature
l
RJ-45 needs to be matched FCC standard
l
Complies with requirement of IEEE802.3u standards.
l
RJ 45 connector with 10/100 BASE-TX magnetic.
l
Comply with RoHS requirements-whole part No Cd, No Hg,
No Cr6+, No PBB and PBDE and No Pb on external pins.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Insertion Loss
(dB Max)
Part
Number
TX
RX
OCL(uH Min)
@ 100KHz/0.1V
with 8mA DC Bias
CW/W
(pF Max)
L.L
(uH Max)
0.3-100MHz
HI-POT
(Vrms)
LU4S041A LF
1CT:1CT
1CT:1CT
350
28
0.4
-1.15
1500
Continue
Return Loss
(dB Min)
Cross talk
(dB Min)
CMR
(dB Min)
Part
Number
30MHz 40MHz 50MHz 60MHz 80MHz 0.3-30MHz 30-60MHz 60-100MHz 1-30MHz 30-60MHz 60-125MHz
LU4S041A LF
-16
-14
-13.5
-13
-10
-40
-35
-30
-30
-25
-20
Schematic
Bothhand USA
email:sales@bothhandusa.com
tel: 978-887-8050
462 Boston St,
Topsfield, MA 01983
http://www.bothhandUSA.com
email:sales@bothhandusa.com
tel: 978-887-8050
fax: 978-887-5434


Similar Part No. - LU4S041A-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU4S041ALF BOTHHAND-LU4S041ALF Datasheet
192Kb / 2P
   1횞4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
More results

Similar Description - LU4S041A-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU4U041X-BLF BOTHHAND-LU4U041X-BLF Datasheet
182Kb / 2P
   1횞4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4S041ALF BOTHHAND-LU4S041ALF Datasheet
192Kb / 2P
   1횞4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4U041XY-4LF BOTHHAND-LU4U041XY-4LF Datasheet
179Kb / 2P
   1횞4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4U041XYLF BOTHHAND-LU4U041XYLF Datasheet
183Kb / 2P
   1횞4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4U041X-4LF BOTHHAND-LU4U041X-4LF Datasheet
180Kb / 2P
   1횞4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
HU1S041XLF BOTHHAND-HU1S041XLF Datasheet
177Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041LF BOTHHAND-LU1S041LF Datasheet
173Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1T041LF BOTHHAND-LU1T041LF Datasheet
180Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041A BOTHHAND-LU1S041A Datasheet
231Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041B BOTHHAND-LU1S041B Datasheet
199Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com