Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9172-29CG Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9172-29CG
Description  3A FIXED OUTPUT VOLTAGE LDO REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172-29CG Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9172-29CG Datasheet HTML 4Page - Richtek Technology Corporation RT9172-29CG Datasheet HTML 5Page - Richtek Technology Corporation RT9172-29CG Datasheet HTML 6Page - Richtek Technology Corporation RT9172-29CG Datasheet HTML 7Page - Richtek Technology Corporation RT9172-29CG Datasheet HTML 8Page - Richtek Technology Corporation RT9172-29CG Datasheet HTML 9Page - Richtek Technology Corporation RT9172-29CG Datasheet HTML 10Page - Richtek Technology Corporation RT9172-29CG Datasheet HTML 11Page - Richtek Technology Corporation RT9172-29CG Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RT9172
Preliminary
www.richtek-ic.com.tw
DS9172-03 April 2002
8
Functional Description
Capacitor Selection
The RT9172 requires a minimum input capacitance of
1
µF between the input and ground pins to prevent any
impedance interactions with the supply. The RT9172
requires a minimum of 10
µF (tantalum, or electrolytic)
capacitance between the output and ground pins for
proper operation, if used 10
µF ceromic please parrell
with 100
µF tantalum or electrolytic. Larger capacitance
provides better load dynamics and noise performance.
Error Operation (FLG)
The RT9172 produces a logic low signal at the FLG pin
when the output drops out of regulation due to low input
voltage, current limiting, or thermal limiting.
The internal error FLG comparator has an open drain
output stage. Hence, the FLG pin should be pulled high
through a pull up resistor.
Sense Pin
In applications where the regulator output is not very
close to the load, RT9172 can provide better remote
load regulation using the SENSE pin. Fig.2 and Fig.3
depict the advantage of the SENSE option. RT9172
regulates the voltage at the output pin. Hence, the
voltage at the remote load will be the regulator output
voltage minus the drop across the trace resistance. For
example, in the case of a 3.3V output, if the trace
resistance is 100m
Ω, the voltage at the remote load will
be 3V with 3A of load current, ILOAD. The RT9172
regulates the voltage at the sense pin. Connecting the
sense pin to the remote load will provide regulation at
the remote load, as shown in Fig.2 and Fig.3.
Chip Enable Operation
A CMOS logic level signal at the chip enable (EN) pin
will turn-off the regulator. Pin EN must be actively
terminated through a 10k
Ω pull-up resistor for a proper
operation. If this pin is driven from a source that actively
pulls high and low (such as a CMOS rail to rail
comparator), the pull-up resistor is not required. This
pin must be tied to VIN if not used.
Dropout Voltage
The dropout voltage of a regulator is defined as the
minimum input-to-output differential required to stay
within 2% of the output voltage. The RT9172 uses an
internal MOS-FET with an RDS(ON) 160m
Ω. For
CMOS LDOs, the dropout voltage is the product of the
load current and the RDS(ON) of the internal MOSFET.
Maximum Output Current Capability
RT9172 can deliver a continuous current of 1.5 A over
the full operating temperature range. A heatsink may
be required depending on the maximum power
dissipation and maximum ambient temperature of the
application. Under all possible conditions, the junction
temperature must be within the range specified under
operating conditions. The total power dissipation of
the device is given by:
PD = (VIN - VOUT) IOUT+ (VIN) IGND
where IGND is the operating ground current of the
device (specified under Electrical Characteristics).
The maximum allowable temperature rise (TRMAX)
depends on the maximum ambient temperature
(TAMAX) of the application, and the maximum
allowable junction temperature (TJMAX):
TRMAX = TJMAX – TAMAX
The maximum allowable value for junction to ambient
Thermal Resistance,
θJA = TRMAX - TAMAX
The maximum allowable value for junction to ambient
Thermal Resistance,
θJA, can be calculated using the
formula:
θJA = TRMAX / PD
RT9172 are available in TO-220, TO-263, and SOT-
223 packages. The thermal resistance depends in
amount of copper area or heat sink, and on air flow. If
the maximum allowable value of
θJA calculated above
is ≧ 60
°C/W for TO-220 package, ≧ 60 °C/W for
TO-263 package, and ≧140
°C/W for SOT-223
package, no heatsink is needed since the package
can
dissipate
enough
heat
to
satisfy
these
requirements. If the value for allowable
θJA falls below
these limits, a heat sink is required.


Similar Part No. - RT9172-29CG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172F-15GG RICHTEK-RT9172F-15GG Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172F-15GG RICHTEK-RT9172F-15GG Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172F-15GM RICHTEK-RT9172F-15GM Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9172-29CG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
logo
Anaren Microwave
MSK5142 ANAREN-MSK5142 Datasheet
424Kb / 9P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5144 ANAREN-MSK5144 Datasheet
373Kb / 7P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com