Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP3204 Datasheet(PDF) 3 Page - Analog Devices

Part No. ADP3204
Description  3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADP3204 Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
ADP3204
–3–
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
CORE COMPARATOR
Input Offset Voltage (Ramp-Reg)
VCOREOS
VREG = 1.25 V
±1.5
mV
Input Bias Current
IREG, IRAMP
VREG = VRAMP = 1.25 V
±1
A
Output Voltage
VOUT_H
VCC = 3.0 V
2.5
3.0
V
(OUT1, OUT2, and OUT3)
VOUT_L
VCC = 3.6 V
0
0.4
V
Propagation Delay Time
tRMPOUT_PD
6
TA = 25
°C35
ns
TA = Full Range
45
ns
Rise and Fall Time
tOUT_R
7
7ns
(OUT1, OUT2, and OUT3)
tOUT_F
7
7ns
Noise Blanking Time
tBLNK
OUT L-H Transition
70
ns
OUT H-L Transition
130
ns
CURRENT LIMIT COMPARATOR
Input Offset Voltage
VCLIMOS
VCS– = 1.25 V
±1mV
Input Bias Current
ICS+, ICS–
VCS+ = 1.25 V
–3
A
Propagation Delay Time
tCLPD
6
TA = 25
° C55
ns
TA = Full Range
65
ns
CURRENT SENSE
MULTIPLEXER
Trans-Resistance
RCS1–CS+,
MUX switch is ON
150
RCS2–CS+,
MUX switch is OFF
50
M
RCS3–CS+
Common-Mode Voltage Range
VCS1 = VCS2 = VCS3
02
V
HYSTERESIS SETTING
Hysteresis Current
IRAMP_H,VREG = 1.25 V
–ICS+_H
VRAMP = 1.23 V
IHYSSET = 10 A–8
–10
–12
A
IHYSSET = 100 A
–85
–100
–115
A
VRAMP = 1.27 V
IHYSSET = 10 A8
10
12
A
IHYSSET = 100 A85
100
115
A
Hysteresis Reference Voltage
VHYSSET
VDAC
V
CURRENT LIMIT SETTING
Hysteresis Current
ICS–
VRAMP = 1.23 V
VREG = VCS– = VCOREFB = 1.25 V
VCS+ = 1.23 V
IHYSSET = 10 A
–27
–31.5
–36
A
IHYSSET = 100 A
–270
–301.5
–333
A
VCS+ = 1.27 V
IHYSSET = 10 A
–18
–21.5
–25
A
IHYSSET = 100 A
–180
–201.5
–223
A
VCS+ = 1.23 V, BOM = L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn