Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP3204 Datasheet(PDF) 5 Page - Analog Devices

Part No. ADP3204
Description  3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADP3204 Datasheet(HTML) 5 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
ADP3204
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADP3204 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Input Supply Voltage (VCC) . . . . . . . . . . . . . . . –0.3 V to +7 V
All Other Inputs/Outputs . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Junction Temperature Range . . . . . . . . . . . . . . 0
°C to +150°C
ORDERING GUIDE
Temperature
Package
Package
Quantity
Model
Range
Description
Option
per Reel
ADP3204JCP-REEL
0ºC to 100ºC
LFCSP-32
CP-32
5000
ADP3204JCP-REEL7 0ºC to 100ºC
LFCSP-32
CP-32
1500
Junction to Air Thermal Resistance (
θ
JA) . . . . . . . . . . . 98
°C/W
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged.
Table I. VID CODE
VID4
VID3
VID2
VID1
VID0
VOUT
000
00
1.750
000
01
1.700
000
10
1.650
000
11
1.600
001
00
1.550
001
01
1.500
001
10
1.450
001
11
1.400
010
00
1.350
010
01
1.300
010
10
1.250
010
11
1.200
011
00
1.150
011
01
1.100
011
10
1.050
011
11
1.000
100
00
0.975
100
01
0.950
100
10
0.925
100
11
0.900
101
00
0.875
101
01
0.850
101
10
0.825
101
11
0.800
110
00
0.775
110
01
0.750
110
10
0.725
110
11
0.700
111
00
0.675
111
01
0.650
111
10
0.625
111
11
0.600


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn