Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL12-S Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SL12-S
Description  1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SL12-S Datasheet(HTML) 1 Page - Frontier Electronics.

  SL12-S Datasheet HTML 1Page - Frontier Electronics. SL12-S Datasheet HTML 2Page - Frontier Electronics. SL12-S Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SL12-S THRU SL14-S SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (TA =25°C UNLESS OTHERWISE NOTED ) AND ELECTRICAL CHARACTERISTICS
RATING
SYMBOL
V
A
L
U
E
UNITS
MAXIMUM FORWARD RECTIFIED CURRENT
IO
1
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF SINE-WAVE
SUPERIMPOSED ON RATED LOAD
IFSM
30
A
TYPICAL JUNCTION CAPACITANCE BETWEEN TERMINALS (NOTE 1)
CJ
130
pF
STORAGE TEMPERATURE RANGE
TSTG
- 65 TO +175
°C
OPERATING JUNCTION TEMPERATURE RANGE
TJ
- 55 TO +100
°C
MAX. DC REVERSE CURRENT AT RATED DC BLOCKING VOLTAGE TJ= 25°C
IR
1
mA
PART
NUMBER
MAX RECURRENT PK REVERSE
VOLTAGE/DC BLOCKING VRRM/VR
(V)
MAX VRMS
(V)
TYPICAL FORWARD
VOLTAGE AT IF = 1A
VF (V)
MARKING
SL12-S
20
14
0.38
SL12
SL13-S
30
21
0.40
SL13
SL14-S
40
28
0.40
SL14
NOTE︰ 1. MEASURE AT 1MHz WITH 4VDC REVERSE VOLTAGE APPLIED .
2. CURRENT RATING IS BASED ON SINGLE PHASE, 1/2 WAVE, 60HZ, RESISTIVE, OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD,
DERATE CURRENT BY 20%.
PRODUCT FEATURES
1.
FLAMMABILITY CLASSIFICATION 94V-0
2.
EXCELLENT REVERSE LEAKAGE CURRENT AND
THERMAL RESISTANCE
3.
HIGH CURRENT CAPABILITY, LOW POWER LOSS
4.
SILICON EPITAXIAL PLANAR CHIP, METAL SILICON
JUNCTION
5.
GUARDRING FOR OVERVOLTAGE PROTECTION
6.
CASE: TRANSFER MOLDED, DO-214AC (SMA-S)
7.
DIMENSIONS IN INCHES AND (MILLIMETERS)
8.
LEADS: SOLDERABILITY PER MIL-STD-750 METHOD 2026
9.
WEIGHT: 0.05 GRAMS
10
RoHS COMPLIANT
, ADD SUFFIX “H” FOR HALOGEN FREE
i.e. SL12-S-H: RoHS COMPLIANT/HALOGEN FREE


Similar Part No. - SL12-S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SL12-L FORMOSA-SL12-L Datasheet
69Kb / 2P
   Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
WILLAS ELECTRONIC CORP
SL12-L WILLAS-SL12-L Datasheet
523Kb / 4P
   1.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-LS PACKAGE
logo
Formosa MS
SL12-L FORMOSA-SL12-L Datasheet
171Kb / 7P
   Low VF Chip Schottky Barrier Rectifier
SL12-L FORMOSA-SL12-L_13 Datasheet
171Kb / 7P
   Low VF Chip Schottky Barrier Rectifier
SL12-M FORMOSA-SL12-M Datasheet
67Kb / 2P
   Silicon epitaxial planer type
More results

Similar Description - SL12-S

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
   1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
FM120-NS-THRU-FM140-NS FRONTIER-FM120-NS-THRU-FM140-NS Datasheet
612Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
PACELEADER INDUSTRIAL
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
logo
SeCoS Halbleitertechnol...
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
   VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
logo
Formosa MS
SL32-AL FORMOSA-SL32-AL_13 Datasheet
166Kb / 7P
   3.0A Low VF Surface Mount Schottky Barrier Rectifiers-20V-40V
logo
SHIKUES Electronics
SKM32-AS SKTECHNOLGY-SKM32-AS Datasheet
744Kb / 3P
   3.0A Low VF Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
Frontier Electronics.
FM140-MH1-THRU-FM1200-MH1 FRONTIER-FM140-MH1-THRU-FM1200-MH1 Datasheet
609Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
FM120-MS-THRU-FM1200-MS FRONTIER-FM120-MS-THRU-FM1200-MS Datasheet
632Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM120-S-THRU-FM1200-S FRONTIER-FM120-S-THRU-FM1200-S Datasheet
636Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
logo
WILLAS ELECTRONIC CORP
SL32-AL WILLAS-SL32-AL Datasheet
501Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-L PACKAGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com