Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCL300PS12 Datasheet(PDF) 2 Page - XP Power Limited

Part # LCL300PS12
Description  150-500 Watts LCL Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LCL300PS12 Datasheet(HTML) 2 Page - XP Power Limited

  LCL300PS12 Datasheet HTML 1Page - XP Power Limited LCL300PS12 Datasheet HTML 2Page - XP Power Limited LCL300PS12 Datasheet HTML 3Page - XP Power Limited LCL300PS12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LCL150
Model and Ratings
Mechanical Details
1. Output power derates linearly from 100% at 90 VAC to 90% at 85 VAC.
2. Measured with 20 MHz bandwidth.
Output Power(1)
Output Voltage
Trim Range
Output Current
Ripple & Noise(2)
Model Number
150 W
12.0 V
11.0-13.0 V
12.5 A
100 mV pk-pk
LCL150PS12
13.5 V
12.5-14.5 V
11.1 A
100 mV pk-pk
LCL150PS13
15.0 V
14.0-16.0 V
10.0 A
100 mV pk-pk
LCL150PS15
24.0 V
23.0-25.0 V
6.3 A
150 mV pk-pk
LCL150PS24
27.0 V
26.0-28.0 V
5.6 A
150 mV pk-pk
LCL150PS27
48.0 V
47.0-49.0 V
3.1 A
250 mV pk-pk
LCL150PS48
Ambient Temperature (°C)
80
60
40
20
0
10
-10
20 30
40
50
60 70
100
Input Voltage (VAC)
90
90
100 110
120 230
240 250
85
264
100
Notes
1.02
(26.0)
4 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration
1.97
(50.0)
0.90
(23.0)
0.57
(14.5)
4.64 (118.0)
0.57
(14.5)
0.90
(23.0)
4.64
(118.0)
1.02
(26.0)
7.55 (192.0)
Terminal Block, M4 Screw 7 pins 0.37 (9.5) centre
3.74
(95.0)
J1
2.44 (62.0)
2.83 (72.0)
7
1
4 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration
2 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration
Pin
Function
1
+Vout
2
+Vout
3
-Vout
4
-Vout
5
Ground
6
Neutral
7
Line
Notes
1. All dimensions shown in inches (mm).
2. Weight: 1.39 lbs (630 g) approx.
3. Tolerance is ±0.05 (±0.2) maximum.


Similar Part No. - LCL300PS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LCL300PS12 XPPOWER-LCL300PS12 Datasheet
450Kb / 4P
   150-500 Watts LCL Series
LCL300PS12 XPPOWER-LCL300PS12 Datasheet
1Mb / 12P
   SIngle Output Industrial Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com