Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS63-M Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPS63-M
Description  60 Watts Medical
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS63-M Datasheet(HTML) 1 Page - Artesyn Technologies

  LPS63-M Datasheet HTML 1Page - Artesyn Technologies LPS63-M Datasheet HTML 2Page - Artesyn Technologies LPS63-M Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
LPS60-M Series
60 Watts Medical
Total Power: 60 - 80 Watts
Input Voltage: 85 - 264 Vac
120 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Medical safety approvals
ƒ
Universal input
ƒ
3” x 5” footprint
ƒ
Remote sense
ƒ
Built in EMI filter
ƒ
Low output ripple
ƒ
Adjustable output voltage
ƒ
Overload protection
ƒ
110 KHz switching frequency
ƒ
RoHS compliant
ƒ
LPX60 enclosure kit available
SAFETY
ƒ
TUV
EN 60950-1
EN 60601-1
ƒ
UL
UL 2601-1
CSA 22.2 No. 601.1
E182560
ƒ
CB
IEC 60950-1
IEC 60601-1
ƒ
CE
Mark (LVD)
Electrical Specifications
Input
Input range
85 - 264 Vac (wide range), 120 - 300 Vdc
Frequency
47 - 440 Hz
Inrush current
<18 A peak @ 115 Vac, <36 A peak @ 230 Vac, cold start @ 25 °C
Input current
1.5 A max. (RMS) @ 115 Vac
Efficiency
70% typical at full load
EMI filter
FCC Class A conducted; CISPR22 Class A conducted;
EN55022 Class A conducted; VDE0878 PT3 Class A conducted
Safety ground leakage current
< 75 μA @ 50/60 Hz; 264 Vac input
Output
Maximum power
60 W for convection; 80 W with 30 CFM forced air
Adjustment range
-5, +10% minimum
Hold-up time
20 ms @ 60 W load, 115 Vac nominal line
Overload protection
Short circuit protection on all outputs
Case overload protected @ 110 - 145% above peak rating
Overvoltage protection
5 V output; 5.7 - 6.7 VDC. Other outputs 10% to 25% above
nominal output
Remote sense
Compensates for 0.5 V lead drop min.
Will operate without remote sense connected
Reverse connection protected
Data Sheet


Similar Part No. - LPS63-M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS63-M ASTEC-LPS63-M Datasheet
611Kb / 2P
   60 Watts, Medical
logo
Emerson Network Power
LPS63-M EMERSON-NETWORKPOWER-LPS63-M Datasheet
121Kb / 3P
   Medical safety approvals
More results

Similar Description - LPS63-M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS63-M ASTEC-LPS63-M Datasheet
611Kb / 2P
   60 Watts, Medical
logo
Sparkle Power Inc.
FSP600-92MPB SPI-FSP600-92MPB Datasheet
181Kb / 1P
   60 Watts ATX12V, Medical Grade Power Supply
logo
Powerbox
PMP90 POWERBOX-PMP90 Datasheet
850Kb / 2P
   60 - 90 WATTS SINGLE OUTPUT AC/DC MEDICAL - PRELIMINARY
TR60M POWERBOX-TR60M Datasheet
441Kb / 1P
   30 - 60 WATTS SINGLE OUTPUT AC/DC MEDICAL - PRELIMINARY
logo
Astec America, Inc
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
   60 Watts
ALQ15AF48N-6 ASTEC-ALQ15AF48N-6 Datasheet
408Kb / 2P
   60 Watts
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
   60 Watts
logo
Anaren Microwave
60-50TP ANAREN-60-50TP Datasheet
284Kb / 2P
   60 Watts
logo
Astec America, Inc
DPS50-M ASTEC-DPS50-M Datasheet
465Kb / 2P
   60 Watts
APA18 ASTEC-APA18 Datasheet
202Kb / 2P
   60 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com