Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5556CRU Datasheet(PDF) 6 Page - Analog Devices

Part # AD5556CRU
Description  Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5556CRU Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5556CRU Datasheet HTML 2Page - Analog Devices AD5556CRU Datasheet HTML 3Page - Analog Devices AD5556CRU Datasheet HTML 4Page - Analog Devices AD5556CRU Datasheet HTML 5Page - Analog Devices AD5556CRU Datasheet HTML 6Page - Analog Devices AD5556CRU Datasheet HTML 7Page - Analog Devices AD5556CRU Datasheet HTML 8Page - Analog Devices AD5556CRU Datasheet HTML 9Page - Analog Devices AD5556CRU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD5546/AD5556
Rev. 0 | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
AD5546
TOP VIEW
(Not to Scale)
D7 1
VDD
28
D6 2
D8
27
D5 3
D9
26
D4 4
D10
25
D3 5
D11
24
D2 6
D12
23
D1 7
D13
22
D0 8
D14
21
ROFS 9
D15
20
RFB 10
GND
19
R1 11
RS
18
RCOM 12
MSB
17
REF 13
WR
16
IOUT 14
LDAC
15
Figure 3.AD5546 Pin Configuration
AD5556
TOP VIEW
(Not to Scale)
NC = NO CONNECT
D5 1
VDD
28
D4 2
D6
27
D3 3
D7
26
D2 4
D8
25
D1 5
D9
24
D0 6
D10
23
NC 7
D11
22
NC 8
D12
21
ROFS 9
D13
20
RFB 10
GND
19
R1 11
RS
18
RCOM 12
MSB
17
REF 13
WR
16
IOUT 14
LDAC
15
Figure 4. AD5556 Pin Configuration
Table 3. AD5546 Functional Descriptions
Pin No.
Mnemonic
Description
1–8
D7 to D0
Digital Input Data Bits D7 to D0. Signal level must be ≤ VDD + 0.3 V.
9
ROFS
Bipolar Offset Resistor. Accepts up to ±18 V. In 2-quadrant mode ties to RFB. In 4-quadrant mode ties to R1 and
external reference.
10
RFB
Internal Matching Feedback Resistor. Connects to the output of an external op amp for I-V conversion.
11
R1
4-Quandrant Resistor R1. In 2-quadrant mode shorts to REF pin. In 4-quadrant mode ties to ROFS.
12
RCOM
Center Tap Point of Two 4-Quadrant Resistors, R1 and R2. In 4-quadrant mode, ties to the inverting node of the
reference amplifier. In 2-quadrant mode, shorts to REF pin.
13
REF
DAC Reference Input in 2-Quadrant Mode and R2 Terminal in 4-Quadrant Mode. In 2-quadrant mode, this is the
reference input with constant input resistance versus code. In 4-quadrant mode, this pin is driven by the external
reference amplifier.
14
IOUT
DAC Current Output. Connects to the inverting node of an external op amp for I-V conversion.
15
LDAC
Digital Input Load DAC Control. Signal level must be ≤ VDD + 0.3 V.
16
WR
Write Control Digital Input in Active Low. Transfers shift-register data to DAC register on rising edge. Signal level
must be ≤ VDD + 0.3 V.
17
MSB
Power-On Reset State. MSB = 0 resets at zero scale, MSB = 1 resets at midscale. Signal level must be ≤ VDD + 0.3 V.
18
RS
Reset in Active Low. Resets to zero scale if MSB = 0, and resets to midscale if MSB = 1. Signal level must be
≤ VDD + 0.3 V.
19
GND
Analog and Digital Grounds.
20–21
D15 to D14
Digital Input Data Bits D15 to D14. Signal level must be ≤ VDD + 0.3 V.
22–27
D13 to D8
Digital Input Data Bits D13 to D8. Signal level must be ≤ VDD + 0.3 V.
28
VDD
Positive Power Supply Input. Specified range of operation: 2.7 V to 5.5 V.
Table 4. AD5556 Functional Descriptions
Pin No.
Mnemonic
Description
1–6
D5 to D0
Digital Input Data Bits D5 to D0. Signal level must be
≤ VDD+0.3 V.
7–8
NC
No Connection. User should not connect anything other than dummy pads on these terminals.
9
ROFS
Bipolar Offset Resistor. Accepts up to ±18 V. In 2-quadrant mode ties to RFB. In 4-quadrant mode ties to R1 and
external reference.
10
RFB
Internal Matching Feedback Resistor. Connects to the output of an external op amp for I-V conversion.
11
R1
4-Quandrant Resistor R1. In 2-quadrant mode shorts to REF pin. In 4-quadrant mode ties to ROFS.
12
RCOM
Center Tap Point of Two 4-Quadrant Resistors, R1 and R2. In 4-quadrant mode, ties to the inverting node of the
reference amplifier. In 2-quadrant mode, shorts to REF pin.
13
REF
DAC Reference Input in 2-Quadrant Mode and R2 Terminal in 4-Quadrant Mode. In 2-quadrant mode, this is the
reference input with constant input resistance versus code. In 4-quadrant mode, this pin is driven by the external
reference amplifier.
14
IOUT
DAC Current Output. Connects to the inverting node of an external op amp for I-V conversion.


Similar Part No. - AD5556CRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results

Similar Description - AD5556CRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5556 AD-AD5556_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
logo
Linear Technology
LTC1597 LINER-LTC1597_15 Datasheet
233Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com