Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC2990UDJQ-7B Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMC2990UDJQ-7B
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2990UDJQ-7B Datasheet(HTML) 7 Page - Diodes Incorporated

  DMC2990UDJQ-7B Datasheet HTML 1Page - Diodes Incorporated DMC2990UDJQ-7B Datasheet HTML 2Page - Diodes Incorporated DMC2990UDJQ-7B Datasheet HTML 3Page - Diodes Incorporated DMC2990UDJQ-7B Datasheet HTML 4Page - Diodes Incorporated DMC2990UDJQ-7B Datasheet HTML 5Page - Diodes Incorporated DMC2990UDJQ-7B Datasheet HTML 6Page - Diodes Incorporated DMC2990UDJQ-7B Datasheet HTML 7Page - Diodes Incorporated DMC2990UDJQ-7B Datasheet HTML 8Page - Diodes Incorporated DMC2990UDJQ-7B Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DMC2990UDJQ
Document number: DS39168 Rev. 1 - 2
7 of 9
www.diodes.com
September 2016
© Diodes Incorporated
DMC2990UDJQ
Typical Characteristics - P-CHANNEL (Cont.)
0
0.2
0.4
0.6
0.8
1.0
1.2
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE( C)
Fig. 19 Gate Threshold Variation vs. Ambient Temperature
J
I = -250礎
D
I = -1mA
D
0
0.2
0.4
0.6
0.8
0.4
0.6
0.8
1.0
1.2
T = 25癈
A
V
, SOURCE- DRAIN VOLTAGE (V)
Fig. 20 Diodes Forward Voltage vs. Current
SD
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 21 Typical Junction Capacitance
DS
f = 1MHz
C
iss
Coss
Crss
0
10
20
30
40
50
0
2
4
6
8
10
Q , TOTAL GATE CHARGE (nC)
Fig. 23 Gate Charge Characteristics
G
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
V
= 10V, I = -4.5A
DS
D
1
10
100
1,000
0
4
6
8
10
12
14
16
18
20
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 22 Typical Leakage Current vs.
Drain-Source Voltage
DS
-I
,
L
E
A
K
A
G
E
C
U
R
R
E
N
T
(
n
A
)
D
S
S
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = -25°C
A
2
0.1
1
10
100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 24 SOA, Safe Operation Area
P = 10s
W
P
= DC
W
P =1s
W
P
=100ms
W
I
,
D
R
A
I
N
C
U
R
R
E
N
T
(
A
)
D
T
= 150
°C
T = 25
°C
Single Pulse
J(MAX)
A
R
Limited
DS(ON)
P =1ms
W
P =100µs
W
0.001
0.01
0.1
1
10
P =10µs
W
P
= 10ms
W
-
A
°C
g,
-
-


Similar Part No. - DMC2990UDJQ-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2990UDJ DIODES-DMC2990UDJ Datasheet
316Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2990UDJ-7 DIODES-DMC2990UDJ-7 Datasheet
316Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2990UDJ-7B DIODES-DMC2990UDJ-7B Datasheet
316Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2990UDJ DIODES-DMC2990UDJ_15 Datasheet
316Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC2990UDJQ-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com