Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC2990UDJQ-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMC2990UDJQ-7
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2990UDJQ-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMC2990UDJQ-7 Datasheet HTML 1Page - Diodes Incorporated DMC2990UDJQ-7 Datasheet HTML 2Page - Diodes Incorporated DMC2990UDJQ-7 Datasheet HTML 3Page - Diodes Incorporated DMC2990UDJQ-7 Datasheet HTML 4Page - Diodes Incorporated DMC2990UDJQ-7 Datasheet HTML 5Page - Diodes Incorporated DMC2990UDJQ-7 Datasheet HTML 6Page - Diodes Incorporated DMC2990UDJQ-7 Datasheet HTML 7Page - Diodes Incorporated DMC2990UDJQ-7 Datasheet HTML 8Page - Diodes Incorporated DMC2990UDJQ-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DMC2990UDJQ
Document number: DS39168 Rev. 1 - 2
1 of 9
www.diodes.com
September 2016
© Diodes Incorporated
DMC2990UDJQ
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Product Summary
Device
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
Q1
20V
0.99
Ω @ VGS = 4.5V
450mA
1.2
Ω @ VGS = 2.5V
400mA
1.8
Ω @ VGS = 1.8V
330mA
2.4
Ω @ VGS = 1.5V
300mA
Q2
-20V
1.9
Ω @ VGS = -4.5V
-310mA
2.4
Ω @ VGS = -2.5V
-280mA
3.4
Ω @ VGS = -1.8V
-240mA
5
Ω @ VGS = -1.5V
-180mA
Description and Applications
This MOSFET is designed to meet the stringent requirements of
Automotive applications. It is qualified to AEC-Q101, supported by a
PPAP and is ideal for use in:
General Purpose Interfacing Switch
Power Management Functions
Analog Switch
Features and Benefits
Low On-Resistance
Very Low Gate Threshold Voltage, 1.0V Max
Low Input Capacitance
Fast Switching Speed
Ultra-Small Surface Mount Package 1mm x 1mm
Low Package Profile, 0.45mm Maximum Package Height
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Note 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT963
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminals: Finish
 Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.027 grams (Approximate)
Ordering Information (Note 5)
Part Number
Case
Packaging
DMC2990UDJQ-7
SOT963
10K/Tape & Reel
DMC2990UDJQ-7B
SOT963
10K/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
D1 = Product Type Marking Code
ESD PROTECTED
Top View
SOT963
D1
Top View
Schematic and
Transistor Diagram
S
2
D
2
D
1
S
1
G
2
G
1
e3


Similar Part No. - DMC2990UDJQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2990UDJ DIODES-DMC2990UDJ Datasheet
316Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2990UDJ-7 DIODES-DMC2990UDJ-7 Datasheet
316Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2990UDJ-7B DIODES-DMC2990UDJ-7B Datasheet
316Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2990UDJ DIODES-DMC2990UDJ_15 Datasheet
316Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC2990UDJQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com