Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC257N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC257N
Description  Quad 2-input multiplexer 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC257N Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC257N Datasheet HTML 1Page - NXP Semiconductors 74HC257N Datasheet HTML 2Page - NXP Semiconductors 74HC257N Datasheet HTML 3Page - NXP Semiconductors 74HC257N Datasheet HTML 4Page - NXP Semiconductors 74HC257N Datasheet HTML 5Page - NXP Semiconductors 74HC257N Datasheet HTML 6Page - NXP Semiconductors 74HC257N Datasheet HTML 7Page - NXP Semiconductors 74HC257N Datasheet HTML 8Page - NXP Semiconductors 74HC257N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1998 Sep 30
2
Philips Semiconductors
Product specification
Quad 2-input multiplexer; 3-state
74HC/HCT257
FEATURES
• Non-inverting data path
• 3-state outputs interface directly with system bus
• Output capability: bus driver
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT257 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT257 have four identical 2-input multiplexers
with 3-state outputs, which select 4 bits of data from two
sources and are controlled by a common data select
input (S).
The data inputs from source 0 (1I0 to 4I0) are selected
when input S is LOW and the data inputs from source 1
(1I1 to 4I1) are selected when S is HIGH. Data appears at
the outputs (1Y to 4Y) in true (non-inverting) form from the
selected inputs.
The “257” is the logic implementation of a 4-pole,
2-position switch, where the position of the switch is
determined by the logic levels applied to S. The outputs
are forced to a high impedance OFF-state when OE is
HIGH.
The logic equations for the outputs are:
1Y = OE.(1I1.S + 1I0.S)
2Y = OE.(2I1.S + 2I0.S)
3Y = OE.(3I1.S + 3I0.S)
4Y = OE.(4I1.S + 4I0.S)
The “257” is identical to the “258” but has non-inverting
(true) outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5 V
nI0, nI1 to nY
11
13
ns
S to nY
14
17
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per multiplexer
notes 1 and 2
45
45
pF


Similar Part No. - 74HC257N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC257N NXP-74HC257N Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
More results

Similar Description - 74HC257N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com