Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR932FVM-TR Datasheet(PDF) 7 Page - Rohm

Part # LMR932FVM-TR
Description  Input/Output Full Swing Low Power Operational Amplifiers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR932FVM-TR Datasheet(HTML) 7 Page - Rohm

Back Button LMR932FVM-TR Datasheet HTML 3Page - Rohm LMR932FVM-TR Datasheet HTML 4Page - Rohm LMR932FVM-TR Datasheet HTML 5Page - Rohm LMR932FVM-TR Datasheet HTML 6Page - Rohm LMR932FVM-TR Datasheet HTML 7Page - Rohm LMR932FVM-TR Datasheet HTML 8Page - Rohm LMR932FVM-TR Datasheet HTML 9Page - Rohm LMR932FVM-TR Datasheet HTML 10Page - Rohm LMR932FVM-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200570-1-2
©2013 ROHM Co., Ltd. All rights reserved.
7/59
20.Feb.2014.Rev.005
TSZ22111・15・001
LMR981G
LMR931G
LMR982FVM
LMR932xxx
LMR934xxx
Electrical Characteristics - continued
○LMR981G, LMR931G (Unless otherwise specified VDD=+2.7V, VSS=0V, SHDN
——————
=VDD)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 16)
VIO
25°C
-
1
4
mV
VDD=1.8V to 5.0V
Full Range
-
-
6
Input Offset Voltage Drift
ΔVIO/ΔT
25°C
-
5.5
-
µV/°C
-
Input Offset Current
(Note 16)
IIO
25°C
-
5
30
nA
-
Input Bias Current
(Note 16)
IB
25°C
-
5
35
nA
-
Supply Current
(Note 17)
IDD
25°C
-
80
190
μA
AV=0dB, +IN=1.35V
Full range
-
-
210
Shutdown Current
(Note 18)
IDD_SD
25°C
-
0.061
1
μA
Maximum Output Voltage(High)
VOH
25°C
2.55
2.62
-
V
RL=600Ω, VRL=VDD/2
2.65
2.67
-
RL=2kΩ, VRL=VDD/2
Maximum Output Voltage(Low)
VOL
25°C
-
83
110
mV
RL=600Ω, VRL=VDD/2
-
25
40
RL=2kΩ, VRL=VDD/2
Large Signal Voltage Gain
AV
25°C
-
98
-
dB
RL=600Ω, VRL=VDD/2
92
100
-
RL=2kΩ, VRL=VDD/2
Input Common-mode
Voltage Range
VICM
25°C
VSS
-
VDD
V
VSS to VDD
Full range VSS+0.2
-
VDD-0.2
Common-mode Rejection Ratio
CMRR
25°C
60
94
-
dB
VICM=0.5V
Power Supply Rejection Ratio
PSRR
25°C
75
85
-
dB
VDD=1.8V to 5.0V
VICM=0.5V
Output Source Current
(Note 19)
ISOURCE
25°C
20
28
-
mA
OUT=0V, Short Current
Output Sink Current
(Note 19)
ISINK
25°C
18
28
-
mA
OUT=2.7V Short Current
Slew Rate
SR
25°C
-
0.4
-
V/
μs
CL=25pF
Gain Bandwidth
GBW
25°C
-
1.4
-
MHz
CL=25pF, AV=40dB
f=100kHz
Unity Gain Frequency
fT
25°C
-
1.4
-
MHz
CL=25pF, AV=40dB
Phase Margin
θ
25°C
-
50
-
deg
CL=25pF, AV=40dB
Gain Margin
GM
25°C
-
7
-
dB
CL=25pF, AV=40dB
Input Referred Noise Voltage
VN
25°C
-
6.5
-
μVrms
AV=40dB, DIN-AUDIO
-
50
-
Hz
nV/
f=10kHz
Total Harmonic Distortion
+ Noise
THD+N
25°C
-
0.022
-
%
OUT=1VP-P, f=1kHz
RL=600Ω, AV=0dB
(Note 16) Absolute value.
(Note 17) Full range: TA=-40°C to +85°C
(Note 18) Only LMR981G have shutdown.
(Note 19) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.
○LMR981G (Unless otherwise specified VDD=+2.7V, VSS=0V)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Turn On Time From Shutdown
tON
25°C
-
12.5
-
μs
VICM= VDD/2
Turn On Voltage High
VSHDN_H
25°C
-
1.63
-
V
-
Turn On Voltage Low
VSHDN_L
-
1.35
-
-
SHDN
——————
=0V


Similar Part No. - LMR932FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR932FVM-TR ROHM-LMR932FVM-TR Datasheet
2Mb / 62P
   Input/Output Full Swing Low Power Operational Amplifiers
24.Mar.2021.Rev.006
More results

Similar Description - LMR932FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G Datasheet
309Kb / 7P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_V01 Datasheet
2Mb / 62P
   Input/Output Full Swing Low Power Operational Amplifiers
24.Mar.2021.Rev.006
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
BU7242NUX-TR ROHM-BU7242NUX-TR Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com