Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD12732FVJ Datasheet(PDF) 3 Page - Rohm

Part # BD12732FVJ
Description  Low Supply Current Input/Output Full Swing Operational Amplifier
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD12732FVJ Datasheet(HTML) 3 Page - Rohm

  BD12732FVJ Datasheet HTML 1Page - Rohm BD12732FVJ Datasheet HTML 2Page - Rohm BD12732FVJ Datasheet HTML 3Page - Rohm BD12732FVJ Datasheet HTML 4Page - Rohm BD12732FVJ Datasheet HTML 5Page - Rohm BD12732FVJ Datasheet HTML 6Page - Rohm BD12732FVJ Datasheet HTML 7Page - Rohm BD12732FVJ Datasheet HTML 8Page - Rohm BD12732FVJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200600-1-2
©2013 ROHM Co., Ltd. All rights reserved.
3/50
14.July.2016.Rev004
TSZ22111・15・001
BD12730G
BD12732xxx
BD12734xxx
Line-up
Operating
Temperature
Channels
Package
Orderable Part Number
-40°C to +85°C
1ch
SSOP5
Reel of 3000
BD12730G-TR
2ch
SOP8
Reel of 2500
BD12732F-E2
SOP-J8
Reel of 2500
BD12732FJ-E2
SSOP-B8
Reel of 2500
BD12732FV-E2
TSSOP-B8
Reel of 3000
BD12732FVT-E2
MSOP8
Reel of 3000
BD12732FVM-TR
TSSOP-B8J
Reel of 2500
BD12732FVJ-E2
4ch
SOP14
Reel of 2500
BD12734F-E2
SOP-J14
Reel of 2500
BD12734FJ-E2
SSOP-B14
Reel of 2500
BD12734FV-E2
TSSOP-B14J
Reel of 2500
BD12734FVJ-E2
Absolute Maximum Ratings
(TA=25°C)
Parameter
Symbol
Rating
Unit
BD12730G
BD12732xxx
BD12734xxx
Supply Voltage
V+
+7.0
V
Power Dissipation
PD
SSOP5
0.67 (Note 1,9)
-
-
W
SOP8
-
0.68 (Note 2,9)
-
SOP-J8
-
0.67 (Note 1,9)
-
SSOP-B8
-
0.62 (Note 3,9)
-
TSSOP-B8
-
0.62 (Note 3,9)
-
MSOP8
-
0.58 (Note 4,9)
-
TSSOP-B8J
-
0.58 (Note 4,9)
-
SOP14
-
-
0.56(Note 5,9)
SOP-J14
-
-
1.02(Note 6,9)
SSOP-B14
-
-
0.87(Note 7,9)
TSSOP-B14J
-
-
0.85(Note 8,9)
Differential Input Voltage (Note 10)
VID
±3.0
V
Input Common-mode Voltage Range
VICM
GND to V+
V
Input Current (Note 11)
II
±10
mA
Operating Supply Voltage
Vopr
+1.8 to +5.5
V
Operating Temperature
Topr
- 40 to +85
°C
Storage Temperature
Tstg
- 55 to +150
°C
Maximum Junction Temperature
TJmax
+150
°C
(Note 1) To use at temperature above TA=25°C, reduce by 5.4mW/°C.
(Note 2) To use at temperature above TA=25°C, reduce by 5.5mW/°C.
(Note 3) To use at temperature above TA=25°C, reduce by 5.0mW/°C.
(Note 4) To use at temperature above TA=25°C, reduce by 4.7mW/°C.
(Note 5) To use at temperature above TA=25°C, reduce by 4.5mW/°C.
(Note 6) To use at temperature above TA=25°C, reduce by 8.2mW/°C.
(Note 7) To use at temperature above TA=25°C, reduce by 7.0mW/°C.
(Note 8) To use at temperature above TA=25°C, reduce by 6.8mW/°C.
(Note 9) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 10) Differential Input Voltage is the voltage difference between the inverting and non-inverting inputs.
The input pin voltage is set to more than GND.
(Note 11) An excessive input current will flow when input voltages of more than Supply Voltage(V+)+0.6V or less than GND-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open
circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the
IC is operated over the absolute maximum ratings.


Similar Part No. - BD12732FVJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
BD12730G-TR ROHM-BD12730G-TR Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
More results

Similar Description - BD12732FVJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
logo
New Japan Radio
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com