Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR341G Datasheet(PDF) 16 Page - Rohm

Part # LMR341G
Description  Low Supply Current Output Full Swing CMOS Operational Amplifiers
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR341G Datasheet(HTML) 16 Page - Rohm

Back Button LMR341G_15 Datasheet HTML 12Page - Rohm LMR341G_15 Datasheet HTML 13Page - Rohm LMR341G_15 Datasheet HTML 14Page - Rohm LMR341G_15 Datasheet HTML 15Page - Rohm LMR341G_15 Datasheet HTML 16Page - Rohm LMR341G_15 Datasheet HTML 17Page - Rohm LMR341G_15 Datasheet HTML 18Page - Rohm LMR341G_15 Datasheet HTML 19Page - Rohm LMR341G_15 Datasheet HTML 20Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200670-1-2
©2013 ROHM Co., Ltd. All rights reserved.
16/50
16.Jun.2015 Rev.007
TSZ22111・15・001
LMR341G
LMR342xxx
LMR344xxx
Typical Performance Curves
– continued
○LMR341G
60
70
80
90
100
110
120
2
3
4
5
6
Supply Voltage [V]
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
-4
-3
-2
-1
0
1
2
3
4
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Input Voltage [V]
-4
-3
-2
-1
0
1
2
3
4
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
Figure 13. Input Offset Voltage
vs Ambient Temperature
(VICM=VDD/2, EK=-VDD/2)
2.7V
Figure 14. Input Offset Voltage vs Input Voltage
(VDD=2.7V, EK=-VDD/2)
Figure 15. Large Signal Voltage Gain
vs Supply Voltage
-40°C
Figure 16. Large Signal Voltage Gain
vs Ambient Temperature
2.7V
5.0V
25°C
85°C
5V
(*)The data above is measurement value of typical sample, it is not guaranteed.
-40°C
25°C
85°C


Similar Part No. - LMR341G_15

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR341G-TR ROHM-LMR341G-TR Datasheet
319Kb / 7P
   Low Supply Current Ground Sense Operational Amplifiers
LMR341G-TR ROHM-LMR341G-TR Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
More results

Similar Description - LMR341G_15

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com