Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA8522RFVM-TR Datasheet(PDF) 11 Page - Rohm

Part # BA8522RFVM-TR
Description  Low Noise Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8522RFVM-TR Datasheet(HTML) 11 Page - Rohm

Back Button BA8522RFVM-TR Datasheet HTML 7Page - Rohm BA8522RFVM-TR Datasheet HTML 8Page - Rohm BA8522RFVM-TR Datasheet HTML 9Page - Rohm BA8522RFVM-TR Datasheet HTML 10Page - Rohm BA8522RFVM-TR Datasheet HTML 11Page - Rohm BA8522RFVM-TR Datasheet HTML 12Page - Rohm BA8522RFVM-TR Datasheet HTML 13Page - Rohm BA8522RFVM-TR Datasheet HTML 14Page - Rohm BA8522RFVM-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Datasheet
TSZ02201-0RAR1G200040-1-2
11/22
13.Sep.2013 Rev.001
TSZ22111・15・00
BA8522Rxxx
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
0
20
40
60
80
1
10
100
1000
10000
Frequency [Hz]
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
Typical Performance Curves - continued
○ BA8522Rxxx
(*) The above data is measurement value of typical sample, it is not guaranteed.
0
1
2
3
4
5
±0
±2
±4
±6
±8
±10
±12
±14
±16
Supply Voltage [V]
Figure 19.
Slew Rate vs Supply Voltage
(CL=100pF, RL=2kΩ, TA=25°C)
Figure 20.
Equivalent Input Noise Voltage vs Frequency
(VCC/VEE=+15V/-15V, RS=100Ω, TA=25°C)
Figure 18.
Power Supply Rejection Ratio vs Ambient Temperature
(VCC/VEE=+2V/-2V to +15V/-15V)
Figure 21.
Total Harmonic Distortion vs Output Voltage
(VCC/VEE=+15V/-15V, Av=20dB
RL=2kΩ, 80kHz-LPF, TA=25°C)
0.0001
0.001
0.01
0.1
1
0.1
1
10
Output Voltage [Vrms]
20kHz
20Hz
1kHz
1
10
10
2
10
3
10
4
Frequency [Hz]


Similar Part No. - BA8522RFVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA8522RFVM ROHM-BA8522RFVM Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
BA8522RFVM ROHM-BA8522RFVM Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA8522RFVM ROHM-BA8522RFVM Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA8522RFVM ROHM-BA8522RFVM Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
BA8522RFVM ROHM-BA8522RFVM Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
More results

Similar Description - BA8522RFVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com