Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA8522RFVM-TR Datasheet(PDF) 1 Page - Rohm

Part # BA8522RFVM-TR
Description  Low Noise Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8522RFVM-TR Datasheet(HTML) 1 Page - Rohm

  BA8522RFVM-TR Datasheet HTML 1Page - Rohm BA8522RFVM-TR Datasheet HTML 2Page - Rohm BA8522RFVM-TR Datasheet HTML 3Page - Rohm BA8522RFVM-TR Datasheet HTML 4Page - Rohm BA8522RFVM-TR Datasheet HTML 5Page - Rohm BA8522RFVM-TR Datasheet HTML 6Page - Rohm BA8522RFVM-TR Datasheet HTML 7Page - Rohm BA8522RFVM-TR Datasheet HTML 8Page - Rohm BA8522RFVM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/22
Datasheet
TSZ02201-0RAR1G200040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111 • 14 • 001
13.Sep.2013 Rev.001
Operational Amplifiers
Low Noise Operational Amplifiers
BA8522Rxxx
General Description
BA8522Rxxx are low noise operational amplifiers of
high voltage gain. It excels especially in input referred
noise voltage (9
Hz
nV/
), total harmonic distortion
(0.002%) and operating voltage range (±2V to ±16V)
and it is the most suitable operational amplifier with
audio equipment.
Features
High Voltage Gain
Low Input Referred Noise Voltage
Low Total Harmonic Distortion
Low Input Offset Voltage
Wide Operating Supply Voltage
Wide Operating Temperature Range
Application
 Audio Application
 Consumer Equipment
 Active Filter
Key Specifications
 Operating Supply Voltage (split supply):
±2V to ±16V
 Temperature Range:
-40°C to +105°C
 Input Offset Voltage:
±1.5mV(Max)
 Slew Rate:
3V/µs(Typ)
 Total Harmonic Distortion:
0.002%(Typ)
 Input Referred Noise Voltage:
9
Hz
nV/
(Typ)
Packages
W(Typ) x D(Typ) x H(Max)
SOP8
5.00mm x 6.20mm x 1.71mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
MSOP8
2.90mm x 4.00mm x 0.90mm
Simplified Schematic
Product structure : Silicon monolithic integrated circuit This product has no designed protection against radioactive rays
Figure 1. Simplified schematic (1 channel only)
VCC
VEE
-IN
+IN
OUT


Similar Part No. - BA8522RFVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA8522RFVM ROHM-BA8522RFVM Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
BA8522RFVM ROHM-BA8522RFVM Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA8522RFVM ROHM-BA8522RFVM Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA8522RFVM ROHM-BA8522RFVM Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
BA8522RFVM ROHM-BA8522RFVM Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
More results

Similar Description - BA8522RFVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com