Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA8522RFV-E2 Datasheet(PDF) 4 Page - Rohm

Part # BA8522RFV-E2
Description  Low Noise Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8522RFV-E2 Datasheet(HTML) 4 Page - Rohm

  BA8522RFV-E2 Datasheet HTML 1Page - Rohm BA8522RFV-E2 Datasheet HTML 2Page - Rohm BA8522RFV-E2 Datasheet HTML 3Page - Rohm BA8522RFV-E2 Datasheet HTML 4Page - Rohm BA8522RFV-E2 Datasheet HTML 5Page - Rohm BA8522RFV-E2 Datasheet HTML 6Page - Rohm BA8522RFV-E2 Datasheet HTML 7Page - Rohm BA8522RFV-E2 Datasheet HTML 8Page - Rohm BA8522RFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Datasheet
TSZ02201-0RAR1G200040-1-2
4/22
13.Sep.2013 Rev.001
TSZ221111500
BA8522Rxxx
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
Electrical Characteristics
○ BA8522Rxxx (Unless otherwise specified VCC=+15V, VEE=-15V, TA=25°C)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Input Offset Voltage
(Note 7)
VIO
-
0.1
1.5
mV
-
Input Offset Voltage drift
(Note 7)
VIO/ΔT
-
2
-
μV/°C
-
Input Offset Current
(Note 7)
IIO
-
5
200
nA
-
Input Bias Current
(Note 8)
IB
-
50
500
nA
-
Supply Current
ICC
-
5.5
9
mA
RL=∞, All Op-Amps,
+IN=0V
Maximum Output Voltage
VOM
±12
±13.5
-
V
RL≧10kΩ
±10.5
±11
-
V
RL≧2kΩ
Large Signal Voltage Gain
AV
86
110
-
dB
RL≧10kΩ, OUT=±10V
Input Common-mode Voltage Range
VICM
±12
±14
-
V
-
Common-mode Rejection Ratio
CMRR
70
90
-
dB
-
Power Supply Rejection Ratio
PSRR
76.5
90
-
dB
-
Channel Separation
CS
-
105
-
dB
AV=40dB, f=1kHz
OUT=1Vrms
Slew Rate
SR
-
3
-
V/
μs
RL=2kΩ, CL=100pF
Gain Bandwidth
GBW
-
6
-
MHz
f=500kHz
Input Referred Noise Voltage
VN
-
1.2
-
μVrms
AV=40dB, RS=100Ω
DIN-AUDIO
-
9
-
Hz
nV/
AV=40dB, RS=100Ω, f=1kHz
Total Harmonic Distortion + Noise
THD+N
-
0.002
-
%
AV=20dB, OUT=5Vrms
f=1kHz, 80kHz-LPF
Channel Separation
CS
-
100
-
dB
OUT=0.5Vrms, f=1kHz
AV=40dB,
Input referred
(Note 7)
Absolute value
(Note 8)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Similar Part No. - BA8522RFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA8522RFV ROHM-BA8522RFV Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
BA8522RFV ROHM-BA8522RFV Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA8522RFV ROHM-BA8522RFV Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA8522RFV ROHM-BA8522RFV Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
BA8522RFV ROHM-BA8522RFV Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
More results

Similar Description - BA8522RFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com