Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA8522RF-E2 Datasheet(PDF) 3 Page - Rohm

Part # BA8522RF-E2
Description  Low Noise Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8522RF-E2 Datasheet(HTML) 3 Page - Rohm

  BA8522RF-E2 Datasheet HTML 1Page - Rohm BA8522RF-E2 Datasheet HTML 2Page - Rohm BA8522RF-E2 Datasheet HTML 3Page - Rohm BA8522RF-E2 Datasheet HTML 4Page - Rohm BA8522RF-E2 Datasheet HTML 5Page - Rohm BA8522RF-E2 Datasheet HTML 6Page - Rohm BA8522RF-E2 Datasheet HTML 7Page - Rohm BA8522RF-E2 Datasheet HTML 8Page - Rohm BA8522RF-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Datasheet
TSZ02201-0RAR1G200040-1-2
3/22
13.Sep.2013 Rev.001
TSZ221111500
BA8522Rxxx
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+36
V
Power Dissipation
PD
SOP8
0.69
(Note 1,4)
W
SSOP-B8
0.62
(Note 2,4)
MSOP8
0.59
(Note 3,4)
Differential Input Voltage
(Note 5)
VID
+36
V
Input Common-mode Voltage Range
VICM
(VEE-0.3) to VEE+36
V
Input Current
(Note 6)
II
-10
mA
Operating Supply Voltage
Vopr
±2 to ±16 (+4 to +32)
V
Output Current
IOUT
±50
mA
Operating Temperature
Topr
-40 to +105
°C
Storage Temperature
Tstg
55 to +150
°C
Maximum Junction Temperature
TJmax
+150
°C
(Note 1)
To use at temperature above TA=25°C reduce 5.5mW/°C.
(Note 2)
To use at temperature above TA=25°C reduce 5.0mW/°C.
(Note 3)
To use at temperature above TA=25°C reduce 4.7mW/°C.
(Note 4)
Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (copper foil area less than 3%).
(Note 5)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 6)
Excessive input current will flow if a differential input voltage in excess of approximately ±0.6V is applied between
the input unless some limiting resistance is used.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open
circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case
the IC is operated over the absolute maximum ratings.


Similar Part No. - BA8522RF-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
BA8522RF ROHM-BA8522RF Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
More results

Similar Description - BA8522RF-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com