Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STUA250-S11 Datasheet(PDF) 1 Page - Vitec Power

Part # STUA250-S11
Description  250W U-Bracket Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STUA250-S11 Datasheet(HTML) 1 Page - Vitec Power

  STUA250-S11 Datasheet HTML 1Page - Vitec Power STUA250-S11 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STUA250 SERIES
250W U-Bracket Power Supply for I.T. Equipment
Wide Input Voltage100 to 240 VAC, 47 to 63Hz,
Output Voltage Available 12, 24, 48VDC
Internal EMI filter
Active Power Factor Correction
Zero Voltage Switching (ZVS) & High Efficiency Up to 93%
Dimensions: 4.18" x 6." x 1.54"
Input connector mates with DINKLE#DT-2G-B01W-02P and DINKLE#ESK750V-02P.
Output connector mates with DINKLE#DT-2G-B01W-(04P or 06P) and DINKLE#ESK750V-(04P or
06P).
Input Surge Current, Over Voltage and Over Load Protection
Single Output
Class I
2 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Max. Output Current
Total Regulation
Maximum Output Power
STUA250-S05
12 VDC
18.33 A
5%
220W
STUA250-S08
24 VDC
10.42 A
3%
250W
STUA250-S11
48 VDC
5.21 A
2%
250W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
100
240
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io = Full load, Vin = 90-260VAC
0.95
0.97
1.0
Output Power Range
Vin=100 to 240VAC
0
250
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
3.3
A
Input Current (High Line)
Io=Full load, Vin=230VAC
1.23
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
22
25
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
46
50
A
Efficiency
Io=Full Load, Vin=230VAC
89
91
93
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
20
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C


Similar Part No. - STUA250-S11

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STUA250-S11 Vitec-STUA250-S11 Datasheet
423Kb / 2P
   250W U-Bracket Power Supply for I.T. Equipment
More results

Similar Description - STUA250-S11

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STUA250 Vitec-STUA250 Datasheet
423Kb / 2P
   250W U-Bracket Power Supply for I.T. Equipment
STUA60 Vitec-STUA60 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA120 Vitec-STUA120 Datasheet
435Kb / 2P
   120W U-Bracket Power Supply for I.T. Equipment
STUA61 Vitec-STUA61 Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA100 Vitec-STUA100 Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA101 Vitec-STUA101 Datasheet
433Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA60-SERIES Vitec-STUA60-SERIES Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA100-SERIES Vitec-STUA100-SERIES Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA80-SERIES Vitec-STUA80-SERIES Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA120-SERIES Vitec-STUA120-SERIES Datasheet
435Kb / 2P
   120W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com