Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJU02N65 Datasheet(PDF) 3 Page - ZP Semiconductor

Part # CJU02N65
Description  Plastic-Encapsulate MOSFETS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJU02N65 Datasheet(HTML) 3 Page - ZP Semiconductor

  CJU02N65 Datasheet HTML 1Page - ZP Semiconductor CJU02N65 Datasheet HTML 2Page - ZP Semiconductor CJU02N65 Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
01
2345
678
0.0
0.5
1.0
25
50
75
100
125
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1E-3
0.01
0.1
1
24
68
10
2
4
6
8
10
12
0.5
1.0
1.5
2.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
010
20
30
1
2
3
V
DS
=10V
Pulsed
GATE TO SOURCE VOLTAGE
V
GS
(V)
Transfer Characteristics
T
a
=100℃
T
a
=25℃
I
D
=250uA
Threshold Voltage
JUNCTION TEMPERATURE
T
J
(
)
2
Pulsed
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
SD
I
S
——
T
a
=100℃
T
a
=25℃
Pulsed
I
D
=1A
R
DS(ON)
—— V
GS
GATE TO SOURCE VOLTAGE
V
GS
(V)
T
a
=100℃
T
a
=25℃
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
I
D
——
R
DS(ON)
V
GS
=10V
Pulsed
V
GS
=4.5V
Output Characteristics
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
V
GS
= 6V 、8V、10V
V
GS
=5V
3 of 3
sales@zpsemi.com
www.zpsemi.com
CJU02N65


Similar Part No. - CJU02N65

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJU02N60 ZPSEMI-CJU02N60 Datasheet
938Kb / 3P
   Plastic-Encapsulate MOSFETS
logo
SHENZHEN DOINGTER SEMIC...
CJU02N60 DOINGTER-CJU02N60 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - CJU02N65

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
8820 HOTTECH-8820 Datasheet
1Mb / 4P
   Plastic-Encapsulate Mosfets
logo
ZP Semiconductor
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
   Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
   Plastic-Encapsulate MOSFETS
CJU01N65B ZPSEMI-CJU01N65B Datasheet
695Kb / 3P
   Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
   Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
   Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
   Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
   Plastic-Encapsulate MOSFETS
CJPF10N65 ZPSEMI-CJPF10N65 Datasheet
969Kb / 3P
   Plastic-Encapsulate MOSFETS
logo
Shenzhen Tuofeng Semico...
TF8205 TUOFENG-TF8205_V01 Datasheet
1Mb / 6P
   Plastic-Encapsulate MOSFETS
Oct 2020 V1.1
logo
DONGGUAN YOU FENG WEI E...
2N7002KV YFWDIODE-2N7002KV Datasheet
1Mb / 4P
   Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com