Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2906213 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2906213
Description  Single relay - REL-MR-24DC/21-21/ATEX
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906213 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2906213 Datasheet HTML 1Page - PHOENIX CONTACT 2906213 Datasheet HTML 2Page - PHOENIX CONTACT 2906213 Datasheet HTML 3Page - PHOENIX CONTACT 2906213 Datasheet HTML 4Page - PHOENIX CONTACT 2906213 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/2906213
09/07/2016   Page 2 / 5
Single relay - REL-MR-24DC/21-21/ATEX - 2906213
Technical data
Contact side
Contact type
2 PDT
Type of switch contact
Single contact
Contact material
AgNi
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
5 V (at 10 mA)
Min. switching current
10 mA (At 5 V)
Maximum inrush current
25 A (20 ms)
Limiting continuous current
8 A
Interrupting rating (ohmic load) max.
190 W (at 24 V DC)
85 W (at 48 V DC)
60 W (at 60 V DC)
44 W (at 110 V DC)
60 W (at 220 V DC)
2000 VA (for 250 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
2 A (at 24 V, DC13)
0.2 A (at 250 V, DC13)
3 A (at 24 V, AC15)
3 A (at 120 V, AC15)
3 A (at 250 V, AC15)
General
Test voltage relay winding/relay contact
5 kV AC (50 Hz, 1 min.)
Test voltage relay contact/relay contact
2.5 kV AC (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
RT III
Mechanical service life
3 x 107 cycles
Standards/regulations
IEC 60664
EN 50178
IEC 62103
Rated surge voltage/insulation
Basic insulation
Degree of pollution
3
Overvoltage category
III
Mounting position
any
Assembly instructions
Can be aligned without spacing (> 70 °C ≥ 2.5 mm)
Standards and Regulations
Standards/regulations
IEC 60664
EN 50178


Similar Part No. - 2906213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906212 PHOENIX-2906212 Datasheet
94Kb / 6P
   Drawn section panel mounting base, with a constructional width of 108 mm and a fixed length of 200 cm
More results

Similar Description - 2906213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2961192 PHOENIX-2961192 Datasheet
215Kb / 6P
   REL-MR- 24DC/21-21
2987985 PHOENIX-2987985 Datasheet
320Kb / 6P
   Single relay - REL-MR- 24DC/21-21AU/MS
10/27/2021
2961451 PHOENIX-2961451 Datasheet
523Kb / 6P
   Single relay - REL-MR-230AC/21-21
10/27/2021
2834834 PHOENIX-2834834 Datasheet
520Kb / 6P
   Single relay - REL-MR- 48DC/21-21
10/27/2021
2961215 PHOENIX-2961215 Datasheet
221Kb / 6P
   REL-MR- 24DC/21-21AU
2908824 PHOENIX-2908824 Datasheet
227Kb / 6P
   Single relay - REL-MR-110DC/21-21/EX
2906988 PHOENIX-2906988 Datasheet
79Kb / 5P
   Single relay - REL-MR-12DC/21-21/C1D2
2987969 PHOENIX-2987969 Datasheet
86Kb / 5P
   Single relay - REL-MR-120AC/21-21/MS
2987972 PHOENIX-2987972 Datasheet
306Kb / 6P
   Single relay - REL-MR-230AC/21-21/MS
10/27/2021
2987956 PHOENIX-2987956 Datasheet
320Kb / 6P
   Single relay - REL-MR- 24AC/21-21/MS
10/27/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com