Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP103BMX285TCG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP103BMX285TCG
Description  150 mA CMOS Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP103BMX285TCG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP103BMX285TCG Datasheet HTML 2Page - ON Semiconductor NCP103BMX285TCG Datasheet HTML 3Page - ON Semiconductor NCP103BMX285TCG Datasheet HTML 4Page - ON Semiconductor NCP103BMX285TCG Datasheet HTML 5Page - ON Semiconductor NCP103BMX285TCG Datasheet HTML 6Page - ON Semiconductor NCP103BMX285TCG Datasheet HTML 7Page - ON Semiconductor NCP103BMX285TCG Datasheet HTML 8Page - ON Semiconductor NCP103BMX285TCG Datasheet HTML 9Page - ON Semiconductor NCP103BMX285TCG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NCP103
www.onsemi.com
6
TYPICAL CHARACTERISTICS
800
TJ, JUNCTION TEMPERATURE (°C)
−40
90
80
−30 −20 −10
0
10
20 30 40
50 60 70
VIN = VOUT(nom) + 1 V or 2.5 V
VOUT = 0 V
CIN = 1 mF
COUT = 1 mF
Figure 15. Short−Circuit Current vs.
Temperature
800
VIN, INPUT VOLTAGE (V)
3.0
5.6
5.4
3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2
Figure 16. Short−Circuit Current vs. Input
Voltage
1
TJ, JUNCTION TEMPERATURE (°C)
Figure 17. Enable Voltage Threshold vs.
Temperature
350
TJ, JUNCTION TEMPERATURE (°C)
Figure 18. Current to Enable Pin vs.
Temperature
100
TJ, JUNCTION TEMPERATURE (°C)
−40
Figure 19. Disable Current vs. Temperature
−30 −20 −10 0
10
90
80
70
60
50
40
30
20
VIN = 5.5 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
VOUT = 0 V
CIN = 1 mF
COUT = 1 mF
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
−40
90
80
−30 −20 −10
0
10
20 30 40
50 60 70
VOUT = 2.8 V
VOUT = 1.2 V
750
700
650
600
550
500
450
400
350
300
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
OFF −> ON
ON −> OFF
315
280
245
210
175
140
105
70
35
0
−40
90
80
−30 −20 −10
0
10
20 30 40
50 60 70
VEN = 5.5 V
VEN = 0.4 V
VIN = 5.5 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
80
60
40
20
0
−20
−40
−60
−80
−100
750
700
650
600
550
500
450
400
350
300


Similar Part No. - NCP103BMX285TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP103BMX285TCG ONSEMI-NCP103BMX285TCG Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103BMX285TCG ONSEMI-NCP103BMX285TCG Datasheet
676Kb / 15P
   CMOS Low Dropout Regulator
December, 2017 ??Rev. 13
More results

Similar Description - NCP103BMX285TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com