Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV20061MUTAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV20061MUTAG
Description  Operational Amplifier Rail-to-Rail Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV20061MUTAG Datasheet(HTML) 2 Page - ON Semiconductor

  NCV20061MUTAG Datasheet HTML 1Page - ON Semiconductor NCV20061MUTAG Datasheet HTML 2Page - ON Semiconductor NCV20061MUTAG Datasheet HTML 3Page - ON Semiconductor NCV20061MUTAG Datasheet HTML 4Page - ON Semiconductor NCV20061MUTAG Datasheet HTML 5Page - ON Semiconductor NCV20061MUTAG Datasheet HTML 6Page - ON Semiconductor NCV20061MUTAG Datasheet HTML 7Page - ON Semiconductor NCV20061MUTAG Datasheet HTML 8Page - ON Semiconductor NCV20061MUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NCS20061, NCV20061, NCS20062, NCV20062, NCS20064, NCV20064
www.onsemi.com
2
SOIC−14
CASE 751A
XXXXX
AWLYWWG
1
14
SC70−5
CASE 419A
XXM
G
G
UDFN6
CASE 517AP
Micro8
]/MSOP8
CASE 846A
SOIC−8
CASE 751
XXXXXX
ALYW
G
1
8
XXX
YWW
A
G
G
TSSOP−8
CASE 948S
XXXX
XXXX
ALYW
G
G
1
14
TSSOP−14
CASE 948G
Single Channel Configuration
NCS20061, NCV20061
Dual Channel Configuration
NCS20062, NCV20062
Quad Channel Configuration
NCS20064, NCV20064
XXXXX = Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or
G = Pb−Free Package
XXXX
AYW
G
G
1
8
(Note: Microdot may be in either location)
MARKING DIAGRAMS
TSOP−5/SOT23−5
CASE 483
XX M
G
G
1
1
5
XXXAYW
G
G


Similar Part No. - NCV20061MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV20061 ONSEMI-NCV20061 Datasheet
775Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCV20061 ONSEMI-NCV20061 Datasheet
775Kb / 20P
   Low Power Operational Amplifier
November, 2017 ??Rev. 9
NCV20061 ONSEMI-NCV20061 Datasheet
1Mb / 27P
   3 MHz, 125 A Low Power Operational Amplifier
January, 2021 - Rev. 15
NCV20061SN2T1G ONSEMI-NCV20061SN2T1G Datasheet
775Kb / 20P
   Low Power Operational Amplifier
November, 2017 ??Rev. 9
NCV20061SN2T1G ONSEMI-NCV20061SN2T1G Datasheet
1Mb / 27P
   3 MHz, 125 A Low Power Operational Amplifier
January, 2021 - Rev. 15
More results

Similar Description - NCV20061MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20091 ONSEMI-NCS20091_16 Datasheet
685Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com