Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV20061SN3T1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV20061SN3T1G
Description  Operational Amplifier Rail-to-Rail Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV20061SN3T1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV20061SN3T1G Datasheet HTML 6Page - ON Semiconductor NCV20061SN3T1G Datasheet HTML 7Page - ON Semiconductor NCV20061SN3T1G Datasheet HTML 8Page - ON Semiconductor NCV20061SN3T1G Datasheet HTML 9Page - ON Semiconductor NCV20061SN3T1G Datasheet HTML 10Page - ON Semiconductor NCV20061SN3T1G Datasheet HTML 11Page - ON Semiconductor NCV20061SN3T1G Datasheet HTML 12Page - ON Semiconductor NCV20061SN3T1G Datasheet HTML 13Page - ON Semiconductor NCV20061SN3T1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCS20061, NCV20061, NCS20062, NCV20062, NCS20064, NCV20064
www.onsemi.com
10
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, RL ≥ 10 kW, VCM = VOUT = mid−supply unless otherwise specified
Figure 14. CMRR vs. Frequency
Figure 15. Output Voltage High to Rail
FREQUENCY (Hz)
OUTPUT CURRENT (mA)
1M
100k
10k
1k
100
10
0
20
40
60
80
100
120
15.0
12.5
10.0
7.5
5.0
2.5
0
0
50
100
150
200
250
300
Figure 16. Output Voltage Low to Rail
Figure 17. Non−Inverting Small Signal
Transient Response
OUTPUT CURRENT (mA)
TIME (
ms)
20
15
10
5
0
0
100
200
300
400
500
5
4
3
2
1
0
−1
−2
−0.10
−0.02
0.02
0.04
0.06
0.08
0.10
Figure 18. Inverting Small Signal Transient
Response
Figure 19. Non−Inverting Large Signal
Transient Response
TIME (
ms)
TIME (
ms)
5
4
3
2
1
0
−1
−2
−0.10
−0.08
0
0.02
0.04
0.06
0.08
0.10
5
4
3
2
1
0
−1
−2
−1.0
−0.6
−0.2
0
0.2
0.4
0.6
1.0
VS = 1.8 V
VS = 3.3 V
VS = 5.5 V
AV = 1
VS = 1.8 V
VS = 3.3 V
VS = 5.5 V
VS = 1.8 V
VS = 3.3 V
VS = 5.5 V
6
0
−0.04
−0.06
−0.08
Input
Output
Input
Output
Input
Output
6
−0.02
−0.04
−0.06
6
0.8
−0.4
−0.8


Similar Part No. - NCV20061SN3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV20061SN3T1G ONSEMI-NCV20061SN3T1G Datasheet
1Mb / 27P
   3 MHz, 125 A Low Power Operational Amplifier
January, 2021 - Rev. 15
More results

Similar Description - NCV20061SN3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20091 ONSEMI-NCS20091_16 Datasheet
685Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com