Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS20081SN3T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS20081SN3T1G
Description  Operational Amplifier, Rail-to-Rail Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20081SN3T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCS20081SN3T1G Datasheet HTML 1Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 2Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 3Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 4Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 5Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 6Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 7Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 8Page - ON Semiconductor NCS20081SN3T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NCS20081, NCV20081, NCS20082, NCV20082, NCS20084, NCV20084
www.onsemi.com
3
1
4
3
2
14
11
12
13
OUT 1
IN− 1
IN+ 1
VDD
OUT 4
IN− 4
IN+ 4
VSS
7
6
5
8
9
10
IN+ 2
IN− 2
OUT 2
IN+ 3
IN− 3
OUT 3
+
+
+
+
Figure 1. Pin Connections
Single Channel Configuration
NCS20081, NCV20081
Dual Channel Configuration
NCS20082, NCV20082
Quadruple Channel Configuration
NCS20084, NCV20084
1
3
2
5
4
OUT
IN−
IN+
VSS
VDD
+
SC70−5, SOT23−5 (TSOP−5)
1
3
2
5
4
OUT
IN−
IN+
VSS
VDD
SOT23−5 (TSOP−5)
SN2 Pinout
1
4
3
2
8
5
6
7
OUT 1
IN− 1
IN+ 1
VSS
VDD
OUT 2
IN− 2
IN+ 2
+
+
UDFN6 1.6 x 1.6
1
3
2
6
4
VSS
IN+
IN−
NC
VDD
5
OUT
SQ3, SN3 Pinout
ORDERING INFORMATION
Device
Configuration
Automotive
Marking
Package
Shipping
NCS20081SQ3T2G
Single**
No
AAP
SC70
Contact local sales office for
more information
NCS20081SN2T1G
AER
SOT23−5/TSOP−5
NCS20081SN3T1G
AEU
SOT23−5/TSOP−5
NCS20081MUTAG
AP
UDFN6
NCV20081SQ3T2G*
Yes
AAP
SC70
NCV20081SN2T1G*
AER
SOT23−5/TSOP−5
NCV20081SN3T1G*
AEU
SOT23−5/TSOP−5
NCV20081MUTAG*
AP
UDFN6
NCS20082DMR2G
Dual
No
2K82
Micro8/MSOP8
NCS20082DR2G
NCS20082
SOIC−8
NCS20082DTBR2G
K82
TSSOP−8
NCV20082DMR2G*
Yes
2K82
Micro8/MSOP8
NCV20082DR2G*
NCS20082
SOIC−8
NCV20082DTBR2G*
K82
TSSOP−8
NCS20084_
Quad**
No
TBD
SOIC−14
NCS20084_
TBD
SOP−14
NCS20084_
TBD
TSSOP−14
NCV20084_
Yes
TBD
SOIC−14
NCV20084_
TBD
SOP−14
NCV20084_
TBD
TSSOP−14
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.
**In Development. Not yet released.


Similar Part No. - NCS20081SN3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20081 ONSEMI-NCS20081 Datasheet
753Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
More results

Similar Description - NCS20081SN3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20091 ONSEMI-NCS20091_16 Datasheet
685Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com