Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2333DMR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS2333DMR2G
Description  Low Power, Zero-Drift Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2333DMR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCS2333DMR2G Datasheet HTML 1Page - ON Semiconductor NCS2333DMR2G Datasheet HTML 2Page - ON Semiconductor NCS2333DMR2G Datasheet HTML 3Page - ON Semiconductor NCS2333DMR2G Datasheet HTML 4Page - ON Semiconductor NCS2333DMR2G Datasheet HTML 5Page - ON Semiconductor NCS2333DMR2G Datasheet HTML 6Page - ON Semiconductor NCS2333DMR2G Datasheet HTML 7Page - ON Semiconductor NCS2333DMR2G Datasheet HTML 8Page - ON Semiconductor NCS2333DMR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCS333, NCV333, NCS2333, NCV2333, NCS4333, NCV4333
www.onsemi.com
4
ABSOLUTE MAXIMUM RATINGS
Over operating free−air temperature, unless otherwise stated.
Parameter
Rating
Unit
Supply Voltage
7
V
INPUT AND OUTPUT PINS
Input Voltage (Note 1)
(VSS) − 0.3 to (VDD) + 0.3
V
Input Current (Note 1)
±10
mA
Output Short Circuit Current (Note 2)
Continuous
TEMPERATURE
Operating Temperature Range
−40 to +125
°C
Storage Temperature Range
−65 to +150
°C
Junction Temperature
+150
°C
ESD RATINGS (Note 3)
Human Body Model (HBM)
4000
V
Machine Model (MM)
200
V
Charged Device Model (CDM)
2000
V
OTHER RATINGS
Latch−up Current (Note 4)
100
mA
MSL
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Input terminals are diode−clamped to the power−supply rails. Input signals that can swing more than 0.3 V beyond the supply rails should
be current limited to 10 mA or less
2. Short−circuit to ground.
3. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (JEDEC standard: JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (JEDEC standard: JESD22−A115)
4. Latch−up Current tested per JEDEC standard: JESD78.
THERMAL INFORMATION (Note 5)
Parameter
Symbol
Package
Value
Unit
Thermal Resistance,
Junction to Ambient
qJA
SOT23−5 / TSOP5
290
°C/W
SC70−5 / SC−88−5 / SOT−353−5
425
Micro8 / MSOP8
298
SOIC−8
250
DFN−8
130
SOIC−14
216
5. As mounted on an 80x80x1.5 mm FR4 PCB with 650 mm2 and 2 oz (0.034 mm) thick copper heat spreader. Following JEDEC JESD/EIA
51.1, 51.2, 51.3 test guidelines
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Range
Unit
Supply Voltage (VDD − VSS)
VS
1.8 to 5.5
V
Specified Operating Range
NCS333
TA
−40 to 105
°C
NCS333A, NCV333, NCx2333, NCx4333
−40 to 125
Input Common Mode Voltage Range
VICMR
VSS−0.1 to VDD+0.1
V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NCS2333DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2333DMR2G ONSEMI-NCS2333DMR2G Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
More results

Similar Description - NCS2333DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS333 ONSEMI-NCS333 Datasheet
640Kb / 15P
   Low Power, Zero-Drift Operational Amplifier
September, 2015 ??Rev. 4
logo
Linear Technology
LTC1049CN8PBF LINER-LTC1049CN8PBF Datasheet
203Kb / 12P
   Low Power Zero-Drift Operational Amplifier
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
   Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com