Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2001SQ2T2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCS2001SQ2T2G
Description  Rail-to-Rail, Single Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001SQ2T2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCS2001SQ2T2G Datasheet HTML 1Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 2Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 3Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 4Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 5Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 6Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 7Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 8Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCS2001, NCV2001
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (VCC to VEE)
VS
7.0
V
Input Differential Voltage Range (Note 1)
VIDR
VEE −300 mV to 7.0 V
V
Input Common Mode Voltage Range (Note 1)
VICR
VEE −300 mV to 7.0 V
V
Output Short Circuit Duration (Note 2)
tSc
Indefinite
sec
Junction Temperature
TJ
150
°C
Power Dissipation and Thermal Characteristics
SOT23−5 Package
Thermal Resistance, Junction−to−Air
Power Dissipation @ TA = 70°C
SC70−5 Package
Thermal Resistance, Junction−to−Air
Power Dissipation @ TA = 70°C
RqJA
PD
RqJA
PD
235
340
280
286
°C/W
mW
°C/W
mW
Operating Ambient Temperature Range
NCS2001
NCV2001 (Note 3)
TA
−40 to +105
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to 150
°C
ESD Protection at any Pin Human Body Model (Note 4)
VESD
1500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Either or both inputs should not exceed the range of VEE −300 mV to VEE +7.0 V.
2. Maximum package power dissipation limits must be observed to ensure that the maximum junction temperature is not exceeded.
TJ = TA + (PD RqJA).
3. NCV prefix is qualified for automotive usage.
4. ESD data available upon request.
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.5 V, VEE = −2.5 V, VCM = VO = 0 V, RL to GND, TA = 25°C unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Input Offset Voltage
VCC = 0.45 V, VEE = −0.45 V
TA = 25°C
TA = 0°C to 70°C
TA = −40°C to 125°C
VCC = 1.5 V, VEE = −1.5 V
TA = 25°C
TA = 0°C to 70°C
TA = −40°C to 125°C
VCC = 2.5 V, VEE = −2.5 V
TA = 25°C
TA = 0°C to 70°C
TA = −40°C to 125°C
VIO
−6.0
−8.5
−9.5
−6.0
−7.0
−7.5
−6.0
−7.5
−7.5
0.5
0.5
0.5
6.0
8.5
9.5
6.0
7.0
7.5
6.0
7.5
7.5
mV
Input Offset Voltage Temperature Coefficient (RS = 50)
TA = −40°C to 125°C
DVIO/DT
8.0
mV/°C
Input Bias Current (VCC = 1.0 V to 5.0 V)
IIB
10
pA
Input Common Mode Voltage Range
VICR
VEE to VCC
V
Large Signal Voltage Gain
VCC = 0.45 V, VEE = −0.45 V
RL = 10 k
RL = 2.0 k
VCC = 1.5 V, VEE = −1.5 V
RL = 10 k
RL = 2.0 k
VCC = 2.5 V, VEE = −2.5 V
RL = 10 k
RL = 2.0 k
AVOL
20
15
40
20
40
40
40
40
kV/V


Similar Part No. - NCS2001SQ2T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2001SQ2T2G ONSEMI-NCS2001SQ2T2G Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCS2001SQ2T2G ONSEMI-NCS2001SQ2T2G Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
More results

Similar Description - NCS2001SQ2T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001_17 Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
logo
New Japan Radio
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
logo
Texas Instruments
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001 Datasheet
127Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com