Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2002SN2T1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCS2002SN2T1G
Description  Sub-One Volt Rail-to-Rail Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2002SN2T1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCS2002SN2T1G Datasheet HTML 7Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 8Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 9Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 10Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 11Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 12Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 13Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 14Page - ON Semiconductor NCS2002SN2T1G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
11
Output
The output stage consists of complementary P and N
channel devices connected to provide rail−to−rail output
drive. With a 2.0 k load, the output can swing within 50 mV
of either rail. It is also capable of supplying over 75 mA
when powered from 5.0 V and 1.0 mA when powered from
0.9 V.
When connected as a unity gain follower, the NCS2002
can directly drive capacitive loads in excess of 820 pF at
room temperature without oscillating but with significantly
reduced phase margin. The unity gain follower
configuration exhibits the highest bandwidth and is most
prone to oscillations when driving a high value capacitive
load. The capacitive load in combination with the
amplifier’s output impedance, creates a phase lag that can
result in an under−damped pulse response or a continuous
oscillation. Figure 35 shows the effect of driving a large
capacitive load in a voltage follower type of setup. When
driving capacitive loads exceeding 820 pF, it is
recommended to place a low value isolation resistor
between the output of the op amp and the load, as shown in
Figure 34. The series resistor isolates the capacitive load
from the output and enhances the phase margin. Refer to
Figure 36. Larger values of R will result in a cleaner output
waveform but excessively large values will degrade the
large signal rise and fall time and reduce the output
amplitude. Depending upon the capacitor characteristics,
the isolation resistor value will typically be between 50 to
500
W. The output drive capability for resistive and
capacitive loads is shown in Figures 2, 3, and 23.
Figure 34. Capacitance Load Isolation
+
-
Output
R
Isolation resistor R = 50 to 500
CL
Input
Note that the lowest phase margin is observed at cold
temperature and low supply voltage.
Enable Pin
The enable pin allows the user to externally control the
device. if the enable pin is pulled below the input disable
threshold voltage (VEN < 45% VCC), the amplifier is
disabled. Once the enable pin is taken above the threshold
voltage (VEN = 60% VCC), the amplifier will turn on. In the
event the enable pin is not connected, the amplifier will
remain on by default


Similar Part No. - NCS2002SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002SN2T1G ONSEMI-NCS2002SN2T1G Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
More results

Similar Description - NCS2002SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002 ONSEMI-NCS2002 Datasheet
124Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier with Enable Feature
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101 Datasheet
138Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101_11 Datasheet
192Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
October, 2011 ??Rev. 4
NCS7101 ONSEMI-NCS7101_V01 Datasheet
271Kb / 17P
   1.8 Volt Rail-to-Rail Operational Amplifier
February, 2022 - Rev. 5
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com