Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS212SQT2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS212SQT2G
Description  Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS212SQT2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCS212SQT2G Datasheet HTML 1Page - ON Semiconductor NCS212SQT2G Datasheet HTML 2Page - ON Semiconductor NCS212SQT2G Datasheet HTML 3Page - ON Semiconductor NCS212SQT2G Datasheet HTML 4Page - ON Semiconductor NCS212SQT2G Datasheet HTML 5Page - ON Semiconductor NCS212SQT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
October, 2016 − Rev. 6
1
Publication Order Number:
NCS210/D
NCS210, NCS211, NCS212,
NCS213, NCS214, NCS215
Current-Shunt Monitor,
Voltage Output,
Bi-Directional Zero-Drift
The NCS210, NCS211, NCS212, NCS213, NCS214, and NCS215
are voltage output current shunt monitors that can measure voltage
across shunts at common−mode voltages from −0.3 V to 26 V,
independent of supply voltage. Six fixed gains are available: 50 V/V,
75 V/V, 100 V/V, 200 V/V, 500 V/V, or 1000 V/V. The low offset of
the zero−drift architecture enables current sensing with maximum
drops across the shunt as low as 10 mV full−scale.
The devices can operate from a single +2.7 V to +26 V power
supply, drawing a maximum of 100
mA of supply current. All versions
are specified over the extended operating temperature range (–40
°C to
+125
°C). Available in SC−70 and thin UQFN space−saving packages.
Features
Wide Common−Mode Input Range −0.3 V to 26 V
Supply Voltage Range from 2.7 V to 26 V
Low Offset Voltage ±60 mV Max
Low Offset Drift (0.1 mV/°C)
Low Gain Error (max 1%)
Rail−to−rail Input and Output Capability
Low Current Consumption (typ 65 mA, 100 mA max)
NCV Prefix for Automotive and Other Applications Requiring
Unique Site Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Current Sensing (High−Side/Low−Side)
Automotive
Telecom
Sensors
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
SC70−6
SQ SUFFIX
CASE 419B
MARKING DIAGRAMS
www.onsemi.com
PIN CONNECTIONS
See detailed ordering, marking and shipping information on
page 4 of this data sheet.
ORDERING INFORMATION
XXXM
G
G
XXX = Specific Device Code (See page 4)
M
= Date Code
G
= Pb−Free Package
1
6
(Note: Microdot may be in either location)
VS
Product
NCS213
Gain
R3−R4
R1−R2
50
20 k
W
1 M
W
NCS215
75
13.3 k
W
1 M
W
NCS214
100
10 k
W
1 M
W
NCS210
200
5 k
W
1 M
W
NCS211
500
2 k
W
1 M
W
NCS212
1000
1 k
W
1 M
W
V
OUT + ILOAD
R
SHUNT GAIN ) VREF
UQFN10
MU SUFFIX
CASE 488AT
XXM
G
G
1
*NC denotes no internal connection. These pins can be left floating or
connected to any voltage between Vs and GND.
1
2
3
6
5
4
REF
OUT
GND
IN−
IN+
VS
12
3
65
4
REF
OUT
GND
IN−
IN+
7
10
8
9
IN−
IN+
*NC
*NC


Similar Part No. - NCS212SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS212SQT2G ONSEMI-NCS212SQT2G Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
More results

Similar Description - NCS212SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com