Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP512SQ28T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP512SQ28T1G
Description  CMOS Low Iq Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP512SQ28T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP512SQ28T1G Datasheet HTML 1Page - ON Semiconductor NCP512SQ28T1G Datasheet HTML 2Page - ON Semiconductor NCP512SQ28T1G Datasheet HTML 3Page - ON Semiconductor NCP512SQ28T1G Datasheet HTML 4Page - ON Semiconductor NCP512SQ28T1G Datasheet HTML 5Page - ON Semiconductor NCP512SQ28T1G Datasheet HTML 6Page - ON Semiconductor NCP512SQ28T1G Datasheet HTML 7Page - ON Semiconductor NCP512SQ28T1G Datasheet HTML 8Page - ON Semiconductor NCP512SQ28T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NCP512
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Vin = Vout(nom.) + 1.0 V, Venable = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25°C, unless
otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TA = 25°C, Iout = 10 mA)
1.3 V
1.5 V
1.8 V
2.2 V
2.5 V
2.7 V
2.8 V
3.0 V
3.1 V
3.3 V
5.0 V
Vout
1.261
1.455
1.746
2.134
2.425
2.646
2.744
2.94
3.038
3.234
4.900
1.3
1.5
1.8
2.2
2.5
2.7
2.8
3.0
3.1
3.3
5.0
1.339
1.545
1.854
2.266
2.575
2.754
2.856
3.06
3.162
3.366
5.100
V
Output Voltage (TA = −40°C to 85°C, Iout = 10 mA)
1.3 V
1.5 V
1.8 V
2.2 V
2.5 V
2.7 V
2.8 V
3.0 V
3.1 V
3.3 V
5.0 V
Vout
1.261
1.455
1.746
2.134
2.425
2.619
2.716
2.910
3.007
3.201
4.900
1.3
1.5
1.8
2.2
2.5
2.7
2.8
3.0
3.1
3.3
5.0
1.339
1.545
1.854
2.266
2.575
2.781
2.884
3.09
3.193
3.399
5.100
V
Line Regulation (Iout = 10 mA)
1.3 V−4.4 V (Vin = Vout(nom.) + 1.0 V to 6.0 V)
4.5 V−5.0 V (Vin = 5.5 V to 6.0 V)
Regline
1.0
1.0
3.0
3.0
mV/V
Load Regulation (Iout = 1.0 mA to 80 mA)
Regload
0.3
0.8
mV/mA
Output Current (Vout = (Vout at Iout = 80 mA) −3%)
1.3 V−3.9 V (Vin = Vout(nom.) + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Io(nom.)
80
80
200
200
mA
Dropout Voltage (TA = −40°C to 85°C, Iout = 80 mA,
Measured at Vout = Vout(nom) −3.0%)
1.3 V
1.5 V
1.8 V
2.2 V
2.5 V
2.7 V
2.8 V
3.0 V
3.1 V
3.3 V
5.0 V
Vin−Vout
520
450
350
240
220
200
200
180
170
160
120
700
550
450
300
300
300
300
300
300
300
300
mV
Ground Current (Enable Input = Vin, Iout = 1.0 mA to Io(nom.))
IGND
40
90
mA
Quiescent Current (TA = −40°C to 85°C)
(Enable Input = 0 V)
(Enable Input = Vin, Iout = 1.0 mA to Io(nom.))
IQ
0.1
40
1.0
90
mA
Output Short Circuit Current (Vout = 0 V)
1.3 V−3.9 V (Vin = Vout(nom.) + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Iout(max)
150
150
250
250
400
400
mA
Output Voltage Noise (f = 100 Hz to 100 kHz, Iout = 30 mA, Cout = 1 mF)
Vn
180
mVRMS
Ripple Rejection (f = 1.0 kHz, 60 mA)
RR
50
dB
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(en)
1.3
0.3
V
Output Voltage Temperature Coefficient
TC
"100
ppm/°C
3. Maximum package power dissipation limits must be observed.
PD +
TJ(max) *TA
RqJA
4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.


Similar Part No. - NCP512SQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP512SQ28T1G ONSEMI-NCP512SQ28T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
More results

Similar Description - NCP512SQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553 ONSEMI-NCP553 Datasheet
156Kb / 8P
   CMOS Low Iq NOCAP Voltage Regulator
November, 2016 ??Rev. 5
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP612 ONSEMI-NCP612_17 Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com