Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP163AFCT290T2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP163AFCT290T2G
Description  250 mA, Ultra-Low Noise and High PSRR LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP163AFCT290T2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP163AFCT290T2G Datasheet HTML 5Page - ON Semiconductor NCP163AFCT290T2G Datasheet HTML 6Page - ON Semiconductor NCP163AFCT290T2G Datasheet HTML 7Page - ON Semiconductor NCP163AFCT290T2G Datasheet HTML 8Page - ON Semiconductor NCP163AFCT290T2G Datasheet HTML 9Page - ON Semiconductor NCP163AFCT290T2G Datasheet HTML 10Page - ON Semiconductor NCP163AFCT290T2G Datasheet HTML 11Page - ON Semiconductor NCP163AFCT290T2G Datasheet HTML 12Page - ON Semiconductor NCP163AFCT290T2G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NCP163
www.onsemi.com
10
Reverse Current
The PMOS pass transistor has an inherent body diode
which will be forward biased in the case that VOUT > VIN.
Due to this fact in cases, where the extended reverse current
condition can be anticipated the device may require
additional external protection.
Power Supply Rejection Ratio
The NCP163 features very high Power Supply Rejection
ratio. If desired the PSRR at higher frequencies in the range
100 kHz – 10 MHz can be tuned by the selection of COUT
capacitor and proper PCB layout.
Turn−On Time
The turn−on time is defined as the time period from EN
assertion to the point in which VOUT will reach 98% of its
nominal value. This time is dependent on various
application conditions such as VOUT(NOM), COUT, TA.
PCB Layout Recommendations
To obtain good transient performance and good regulation
characteristics place CIN and COUT capacitors close to the
device pins and make the PCB traces wide. In order to
minimize the solution size, use 0402 or 0201 capacitors with
appropriate capacity. Larger copper area connected to the
pins will also improve the device thermal resistance. The
actual power dissipation can be calculated from the equation
above (Equation 2). Expose pad can be tied to the GND pin
for improvement power dissipation and lower device
temperature.


Similar Part No. - NCP163AFCT290T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1631 ONSEMI-NCP1631 Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
NCP1631 ONSEMI-NCP1631_10 Datasheet
605Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
April, 2010 ??Rev. 2
NCP1631 ONSEMI-NCP1631_16 Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
More results

Similar Description - NCP163AFCT290T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com