Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA21220 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TDA21220
Description  High-Per formance DrMOS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21220 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TDA21220_13 Datasheet HTML 2Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 3Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 4Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 5Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 6Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 7Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 8Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 9Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TDA21220
Description
Data Sheet
6
Revision 2.5, 2013-01-07
Table 3
Power Supply
Pin No.
Name
Pin Type Buffer Type Function
2
VCIN
POWER
Logic supply voltage
5 V bias voltage for the internal logic
3
VDRV
POWER
FET gate supply voltage
High and low side MOSFETs gate drive supply
9 to 14, Vin pad
VIN
POWER
Input voltage
Supply of the drain of the high side MOSFET
Table 4
Ground Pins
Pin No.
Name
Pin Type
Buffer Type Function
5, 37, CGND pad
CGND
GND
Control signal ground
Should be connected to PGND externally
16 to 28
PGND
GND
Power ground
All these pins must be connected to the power GND
plane through multiple low inductance vias.
Table 5
Not Connected
Pin No.
Name
Pin Type Buffer Type Function
8, 38
NC
No internal connection
Leave pin floating or tie to GND.


Similar Part No. - TDA21220_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
More results

Similar Description - TDA21220_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
TDA21211 INFINEON-TDA21211 Datasheet
481Kb / 20P
   High-Performance DrMOS
August - 2009
logo
Alpha & Omega Semicondu...
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
   High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703_17 Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
   High-Current, High-Performance DrMOS Power Module
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
AOZ5518QI AOSMD-AOZ5518QI Datasheet
2Mb / 16P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com