Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4641H050T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP4641H050T1G
Description  Wide Input Range, Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4641H050T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP4641H050T1G Datasheet HTML 4Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 5Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 6Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 7Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 8Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 9Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 10Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 11Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCP4641
www.onsemi.com
8
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
0.01
0.1
1
10
100
1000
Figure 21. Output Voltage Noise, 5.0 V Version,
VIN = 8.0 V, IOUT = 30 mA
FREQUENCY (kHz)
Figure 22. Output Voltage Noise, 8.0 V version,
VIN = 11.0 V, IOUT = 30 mA
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
Figure 23. Line Transients, 3.0 V Version,
tR = tF = 5 ms, IOUT = 1 mA
2.00
2.50
3.00
3.50
4.00
4.50
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
2.0
2
4
6
8
10
12
t (ms)
Figure 24. Line Transients, 5.0 V Version,
tR = tF = 5 ms, IOUT = 1 mA
3.50
4.00
4.50
5.00
5.50
6.00
4
6
8
10
12
14
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
2.0
t (ms)


Similar Part No. - NCP4641H050T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
More results

Similar Description - NCP4641H050T1G

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1515X RICOH-R1515X Datasheet
847Kb / 20P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
RICOH electronics devic...
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1515X NISSHINBO-R1515X Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4640H033T1G ONSEMI-NCP4640H033T1G Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
logo
Diodes Incorporated
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com