Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP2823BFCT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP2823BFCT1G
Description  High Efficiency 3W Filterless Class D Audio Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2823BFCT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP2823BFCT1G Datasheet HTML 1Page - ON Semiconductor NCP2823BFCT1G Datasheet HTML 2Page - ON Semiconductor NCP2823BFCT1G Datasheet HTML 3Page - ON Semiconductor NCP2823BFCT1G Datasheet HTML 4Page - ON Semiconductor NCP2823BFCT1G Datasheet HTML 5Page - ON Semiconductor NCP2823BFCT1G Datasheet HTML 6Page - ON Semiconductor NCP2823BFCT1G Datasheet HTML 7Page - ON Semiconductor NCP2823BFCT1G Datasheet HTML 8Page - ON Semiconductor NCP2823BFCT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2011
January, 2011 − Rev. 2
1
Publication Order Number:
NCP2823/D
NCP2823 Series
High Efficiency 3W
Filterless Class D Audio
Amplifier
The NCP2823A/B are cost effective mono audio power amplifiers
designed for portable electronic devices. NCP2823A is optimized for
8
W operation and NCP2823B can operate with speaker impedance
down to 4.0
W. For Instance, NCP2823B is capable of delivering 3 W
of continuous average power to a 4.0
W from a 5.0 V supply in a
Bridge Tied Load (BTL) configuration. Under the same conditions,
NCP2823A can provide 1.5 W to an 8.0
W BTL load with less than
10% THD+N. For cellular handsets or PDAs it offers space and cost
savings because no output filter is required when using inductive
transducers. With more than 90% efficiency and very low shutdown
current, it increases the lifetime of your battery and drastically lowers
the junction temperature.
NCP2823 processes analog inputs with a pulse width modulation
technique that lowers output noise and THD. The device allows
independent gain while summing signals from various audio sources.
Thus, in cellular handsets, the earpiece, the loudspeaker and even
melody ringer can be driven with a single NCP2823. Due to its low
26
mV noise floor, A−weighted, clean listening is guaranteed no matter
the load sensitivity.
Features
Optimized PWM Output Stage: Filterless Capability
Externally gain setting
Low consumption: 1.8 mA for NCP2823A
High efficiency: up to 92%
Large Output Power Capability:
3 W @ VP = 5.0 V, RL = 4 W, THD+N < 10%
3 W @ VP = 5.5 V, RL = 4 W, THD+N < 1%
High PSRR: up to −77 dB
Fully Differential Capability: RF immunity
Thermal and Auto recovery Short−Circuit Protection
CMRR (−80 dB) Eliminates Two Input Coupling Capacitors
Pin to Pin compatible with NCP2820 Flip−Chip
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
Audio Amplifier for
Cellular Phones
Digital Cameras
Personal Digital Assistant and Portable Media Player
GPS
http://onsemi.com
9−PIN FLIP−CHIP CSP
FC SUFFIX
CASE 499AL
1
MARKING
DIAGRAM
XXX
= QTA for NCP2823A
= PMA for NCP2823B
= TPG for NCP2823A
with backside laminate
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
XXXG
AYWW
A1
See detailed ordering and shipping information on page 10 of
this data sheet.
ORDERING INFORMATION
1.45 mm
3.7 mm


Similar Part No. - NCP2823BFCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2823BFCT2G ONSEMI-NCP2823BFCT2G Datasheet
168Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
February, 2010 ??Rev. P0
More results

Similar Description - NCP2823BFCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2823 ONSEMI-NCP2823 Datasheet
168Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
February, 2010 ??Rev. P0
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403H DIODES-PAM8403H Datasheet
269Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
   3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com