Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP512 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP512
Description  CMOS Low Iq Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP512 Datasheet(HTML) 7 Page - ON Semiconductor

  NCP512_09 Datasheet HTML 1Page - ON Semiconductor NCP512_09 Datasheet HTML 2Page - ON Semiconductor NCP512_09 Datasheet HTML 3Page - ON Semiconductor NCP512_09 Datasheet HTML 4Page - ON Semiconductor NCP512_09 Datasheet HTML 5Page - ON Semiconductor NCP512_09 Datasheet HTML 6Page - ON Semiconductor NCP512_09 Datasheet HTML 7Page - ON Semiconductor NCP512_09 Datasheet HTML 8Page - ON Semiconductor NCP512_09 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NCP512
http://onsemi.com
7
APPLICATIONS INFORMATION
A typical application circuit for the NCP512 series is
shown in Figure 1, front page.
Input Decoupling (C1)
A 1.0
mF capacitor either ceramic or tantalum is
recommended and should be connected close to the NCP512
package. Higher values and lower ESR will improve the
overall line transient response.
TDK capacitor: C2012X5R1C105K, or C1608X5R1A105K
Output Decoupling (C2)
The NCP512 is a stable regulator and does not require any
specific Equivalent Series Resistance (ESR) or a minimum
output current. Capacitors exhibiting ESRs ranging from a
few m
W up to 5.0 W can thus safely be used. The minimum
decoupling value is 1.0
mF and can be augmented to fulfill
stringent load transient requirements. The regulator accepts
ceramic chip capacitors as well as tantalum capacitors.
Larger values improve noise rejection and load regulation
transient response.
TDK capacitor: C2012X5R1C105K, C1608X5R1A105K,
or C3216X7R1C105K
Enable Operation
The enable pin will turn on the regulator when pulled high
and turn off the regulator when pulled low. These limits of
threshold are covered in the electrical specification section
of this data sheet. If the enable is not used then the pin should
be connected to Vin.
Hints
Please be sure the Vin and GND lines are sufficiently
wide. When the impedance of these lines is high, there is a
chance to pick up noise or cause the regulator to
malfunction.
Set external components, especially the output capacitor,
as close as possible to the circuit, and make leads as short as
possible.
Thermal
As power across the NCP512 increases, it might become
necessary to provide some thermal relief. The maximum
power dissipation supported by the device is dependent
upon board design and layout. Mounting pad configuration
on the PCB, the board material and also the ambient
temperature effect the rate of temperature rise for the part.
This is stating that when the NCP512 has good thermal
conductivity through the PCB, the junction temperature will
be relatively low with high power dissipation applications.
The maximum dissipation the package can handle is
given by:
PD +
TJ(max) *TA
RqJA
If junction temperature is not allowed above the
maximum 125
°C, then the NCP512 can dissipate up to
250 mW @ 25
°C.
The power dissipated by the NCP512 can be calculated
from the following equation:
Ptot + Vin *Ignd (Iout) ) [Vin * Vout] *Iout
or
VinMAX +
Ptot ) Vout * Iout
Ignd ) Iout
If an 80 mA output current is needed then the ground
current from the data sheet is 40
mA. For an NCP512 (3.0 V),
the maximum input voltage will then be 6.12 V.


Similar Part No. - NCP512_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51200 ONSEMI-NCP51200 Datasheet
143Kb / 7P
   Termination Regulator
September, 2014 ??Rev. 5
NCP51200 ONSEMI-NCP51200 Datasheet
152Kb / 8P
   Termination Regulator
February, 2018 ??Rev. 8
NCP51200 ONSEMI-NCP51200 Datasheet
326Kb / 11P
   Linear Voltage Regulator 3A for DDR1, DDR2, DDR3, LPDDR3, DDR4 VTT Termination
June, 2021 - Rev. 14
NCP51200AMNTXG ONSEMI-NCP51200AMNTXG Datasheet
326Kb / 11P
   Linear Voltage Regulator 3A for DDR1, DDR2, DDR3, LPDDR3, DDR4 VTT Termination
June, 2021 - Rev. 14
NCP51200MNTXG ONSEMI-NCP51200MNTXG Datasheet
143Kb / 7P
   Termination Regulator
September, 2014 ??Rev. 5
More results

Similar Description - NCP512_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553 ONSEMI-NCP553 Datasheet
156Kb / 8P
   CMOS Low Iq NOCAP Voltage Regulator
November, 2016 ??Rev. 5
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP612 ONSEMI-NCP612_17 Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com