Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP103 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP103
Description  150 mA CMOS Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP103 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP103 Datasheet HTML 1Page - ON Semiconductor NCP103 Datasheet HTML 2Page - ON Semiconductor NCP103 Datasheet HTML 3Page - ON Semiconductor NCP103 Datasheet HTML 4Page - ON Semiconductor NCP103 Datasheet HTML 5Page - ON Semiconductor NCP103 Datasheet HTML 6Page - ON Semiconductor NCP103 Datasheet HTML 7Page - ON Semiconductor NCP103 Datasheet HTML 8Page - ON Semiconductor NCP103 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NCP103
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS −40
°C ≤ TJ ≤ 85°C; VIN = VOUT(NOM) + 1 V for VOUT options greater than 1.5 V. Otherwise VIN =
2.5 V, whichever is greater; IOUT = 1 mA, CIN = COUT = 1 mF, unless otherwise noted. VEN = 0.9 V. Typical values are at TJ = +25°C.
Min./Max. are for TJ = −40°C and TJ = +85°C respectively.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
1.7
5.5
V
Output Voltage Accuracy
−40
°C ≤ TJ ≤ 85°C
VOUT ≤ 2.0 V
VOUT
−40
+40
mV
VOUT > 2.0 V
−2
+2
%
Line Regulation
VOUT + 0.5 V
≤ VIN ≤ 5.5 V (VIN ≥ 1.7 V)
RegLINE
0.01
0.1
%/V
Load Regulation
IOUT = 1 mA to 150 mA
RegLOAD
10
30
mV
Load Transient
IOUT = 1 mA to 150 mA or 150 mA to 1 mA
in 1
ms, COUT = 1 mF
TranLOAD
−30/
+20
mV
Dropout Voltage (Note 4)
IOUT = 150 mA
VOUT = 1.5 V
VDO
180
235
mV
VOUT = 1.85 V
120
165
VOUT = 2.8 V
75
125
VOUT = 3.0 V
72
120
VOUT = 3.1 V
70
120
VOUT = 3.3 V
65
110
Output Current Limit
VOUT = 90% VOUT(nom)
ICL
150
550
mA
Ground Current
IOUT = 0 mA
IQ
50
95
mA
Shutdown Current
VEN
≤ 0.4 V, VIN = 5.5 V
IDIS
0.01
1
mA
EN Pin Threshold Voltage
High Threshold
Low Threshold
VEN Voltage increasing
VEN Voltage decreasing
VEN_HI
VEN_LO
0.9
0.4
V
EN Pin Input Current
VEN = 5.5 V
IEN
0.3
1.0
mA
Power Supply Rejection Ratio
VIN = 3.6 V, VOUT = 3.1 V
IOUT = 150 mA
f = 1 kHz
PSRR
75
dB
Output Noise Voltage
VIN = 2.5 V, VOUT = 1.8 V, IOUT = 150 mA
f = 10 Hz to 100 kHz
VN
60
mVrms
Thermal Shutdown Temperature
Temperature increasing from TJ = +25
°C
TSD
160
°C
Thermal Shutdown Hysteresis
Temperature falling from TSD
TSDH
20
°C
Active Output Discharge Resistance
VEN < 0.4 V, Version A only
RDIS
100
W
4. Characterized when VOUT falls 100 mV below the regulated voltage at VIN = VOUT(NOM) + 1 V.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103 ONSEMI-NCP103 Datasheet
676Kb / 15P
   CMOS Low Dropout Regulator
December, 2017 ??Rev. 13
NCP1030 ONSEMI-NCP1030 Datasheet
142Kb / 18P
   Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030 Datasheet
166Kb / 18P
   Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
January, 2006 ??Rev. 6
NCP1030 ONSEMI-NCP1030 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com