Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6742B Datasheet(PDF) 7 Page - Keysight Technologies

Part # N6742B
Description  Modular Power System Family
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N6742B Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N6742B Datasheet HTML 3Page - Keysight Technologies N6742B Datasheet HTML 4Page - Keysight Technologies N6742B Datasheet HTML 5Page - Keysight Technologies N6742B Datasheet HTML 6Page - Keysight Technologies N6742B Datasheet HTML 7Page - Keysight Technologies N6742B Datasheet HTML 8Page - Keysight Technologies N6742B Datasheet HTML 9Page - Keysight Technologies N6742B Datasheet HTML 10Page - Keysight Technologies N6742B Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
N6731B-N6786A DC Power Modules
N6700B-N6705B Mainframes
Specifications Guide
7
Keysight N6781A–N6786A Differences
Feature
Source/Measure Units (SMU)
Application-Specific
(
● = available)
N6781A N6782A N6784A N6785A N6786A
N6783A
BAT
N6783A
MFG
Output rating
20 W
20 W
20 W
80 W
80 W
24 W
18 W
2-quadrant operation
4-quadrant operation
Auxiliary voltage measurement input
Output disconnect relays
Option 761 Option 761
Negative voltage protection
Voltage or current priority mode
Programmable output resistance
Multiple voltage output ranges
3
3
3
4
4
Multiple current output ranges
3
3
4
4
4
Multiple voltage measurement ranges
3
3
3
Multiple current measurement ranges
4
4
4
3
3
2
2
Simultaneous voltage and current measurements
Seamless measurement autoranging
SCPI command output list capability NOTE 1, 2
SCPI command array readback NOTE 2
SCPI command programmable sample rate NOTE 2
SCPI command external data logging NOTE 2
Double-wide (occupies 2 channel locations)
1
List capability is not available on the negative current output on Model N6783A.
2
Only available when using the remote interfaces; not the front panel.


Similar Part No. - N6742B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N6742B KEYSIGHT-N6742B Datasheet
2Mb / 24P
   N6700 Modular Power System Family
December 1, 2017
N6742B-ATO KEYSIGHT-N6742B-ATO Datasheet
2Mb / 24P
   N6700 Modular Power System Family
December 1, 2017
More results

Similar Description - N6742B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N6708A ETC2-N6708A Datasheet
502Kb / 20P
   Modular Power System Family
logo
Keysight Technologies
N6765A KEYSIGHT-N6765A Datasheet
1Mb / 57P
   Modular Power System Family
N6732B KEYSIGHT-N6732B Datasheet
1Mb / 57P
   Modular Power System Family
N6715B KEYSIGHT-N6715B_V01 Datasheet
2Mb / 24P
   N6700 Modular Power System Family
December 1, 2017
N6700 KEYSIGHT-N6700 Datasheet
1Mb / 57P
   Keysight N6700 Modular Power System Family
March 2017
66101A-J05 KEYSIGHT-66101A-J05 Datasheet
203Kb / 8P
   Modular Power System,GPIB
66000A KEYSIGHT-66000A Datasheet
203Kb / 8P
   Modular Power System,GPIB
logo
List of Unclassifed Man...
XA-SK-SDRAM ETC2-XA-SK-SDRAM Datasheet
228Kb / 2P
   MODULAR DEVELOPMENT SYSTEM
logo
3M Electronics
5815 3M-5815 Datasheet
561Kb / 10P
   Modular Splicing System
logo
DFI Inc
EC500-CS DFI-EC500-CS Datasheet
1Mb / 4P
   Modular-Designed Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com