Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST12LF09 Datasheet(PDF) 5 Page - Microchip Technology

Part # SST12LF09
Description  2.4 GHz High-Linearity, WLAN Front-End Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09 Datasheet(HTML) 5 Page - Microchip Technology

  SST12LF09_13 Datasheet HTML 1Page - Microchip Technology SST12LF09_13 Datasheet HTML 2Page - Microchip Technology SST12LF09_13 Datasheet HTML 3Page - Microchip Technology SST12LF09_13 Datasheet HTML 4Page - Microchip Technology SST12LF09_13 Datasheet HTML 5Page - Microchip Technology SST12LF09_13 Datasheet HTML 6Page - Microchip Technology SST12LF09_13 Datasheet HTML 7Page - Microchip Technology SST12LF09_13 Datasheet HTML 8Page - Microchip Technology SST12LF09_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2013 Microchip Technology Inc.
DS75083B-page 5
SST12LF09
5.0
ELECTRICAL SPECIFICATIONS
The DC and RF specifications for the power amplifier
are specified below. Refer to Table 5-2 for the DC volt-
age and current specifications.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maxi-
mum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these conditions or conditions greater than those defined in the operational
sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may
affect device reliability.)
Tx input power to pin 5 (TX) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5 dBm
Rx input power to pin 16 (ANT with LNA ON) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5 dBm
Average Tx output power from pin 16 (ANT)1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +26 dBm
1. Never measure with CW source. Pulsed single-tone source with <50% duty cycle is recommended. Exceeding the maximum
rating of average output power could cause permanent damage to the device.
Supply Voltage at pins 3 and 4 (VCC). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +5.5V
PA Enable Voltage to pin 6 (PEN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +3.6V
DC supply current (ICC)2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400 mA
2. Measured with 100% duty cycle 54 Mbps 802.11g OFDM Signal
Operating Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +85ºC
Storage Temperature (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +120ºC
Maximum Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150ºC
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
TABLE 5-1:
OPERATING RANGE
Range
Ambient Temp
VCC
Extended
-40°C to +85°C
3.0-5.0V
TABLE 5-2:
DC ELECTRICAL CHARACTERISTICS AT 25°C FOR TX CHAIN
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage, VCC
3.0
3.6
5.0
V
ICQ
Tx Idle current for VCC = 3.6V
90
mA
Tx Idle current for VCC = 5.0V
95
mA
VPEN
Tx Enable Voltage
3.05
3.10
3.15
V
ICC
Tx Supply Current for 11g OFDM 54 Mbps signal:
POUT = 17 dBm at VCC = 3.6V
150
mA
POUT = 18 dBm at VCC = 5.0V
160
mA
IDD
Rx Supply Current (with LNA ON)
9mA


Similar Part No. - SST12LF09_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LF09-Q3CE MICROCHIP-SST12LF09-Q3CE Datasheet
364Kb / 15P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
SST12LF09-Q3CE-K MICROCHIP-SST12LF09-Q3CE-K Datasheet
364Kb / 15P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
More results

Similar Description - SST12LF09_13

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85314-11 SKYWORKS-SKY85314-11 Datasheet
174Kb / 2P
   2.4 GHz, 64 QAM WLAN Front-End Module
SKY85325-11 SKYWORKS-SKY85325-11 Datasheet
174Kb / 2P
   2.4 GHz, 256 QAM WLAN Front-End Module
SKY85330-21 SKYWORKS-SKY85330-21 Datasheet
237Kb / 2P
   2.4 GHz, 1024 QAM WLAN Front-End Module
SKY85310-11 SKYWORKS-SKY85310-11 Datasheet
174Kb / 2P
   2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SKY85310-21 SKYWORKS-SKY85310-21 Datasheet
172Kb / 2P
   2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
logo
TriQuint Semiconductor
TQF7059 TRIQUINT-TQF7059 Datasheet
536Kb / 7P
   5 GHz WLAN Front End Module
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
Skyworks Solutions Inc.
SKY85728-11 SKYWORKS-SKY85728-11 Datasheet
173Kb / 2P
   5 GHz WLAN Front-End Module
SKY85331-11 SKYWORKS-SKY85331-11 Datasheet
169Kb / 2P
   2 GHz WLAN Front-End Module
SKY85736-11 SKYWORKS-SKY85736-11 Datasheet
502Kb / 13P
   5 GHz WLAN Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com