Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS100US15 Datasheet(PDF) 4 Page - XP Power Limited

Part # ECS100US15
Description  65/100/130 Watts ECS Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECS100US15 Datasheet(HTML) 4 Page - XP Power Limited

  ECS100US15 Datasheet HTML 1Page - XP Power Limited ECS100US15 Datasheet HTML 2Page - XP Power Limited ECS100US15 Datasheet HTML 3Page - XP Power Limited ECS100US15 Datasheet HTML 4Page - XP Power Limited ECS100US15 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ECS130
Models and Ratings
SMD COMPONENT HEIGHT
4X 0.156 (3.96) MOUNTING HOLES
0.312 (7.92) CLEARANCE TOP AND BOTTOM
J2
T1
Q1
C4
C5
3.750 (95.25)
4.00 (101.6)
0.15 (3.8)
0.125 (3.17)
0.20 (5.1)
0.20 (5.1)
.25 FASTON
GROUND TAB
J1
1.75 (44.45)
0.12 (3.18)
2.00 (50.8)
1.00 (25.4)
1.05 (26.7)
Voltage Adjust
1.28
(32.5)
1
4
1
2
N
L
Mechanical Details
Derating Curve - ECS130 Models
Notes
1. All dimensions in inches (mm).
Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Weight: 0.386 lbs (175 g)
J1 mates with Molex Housing PN 09-50-1031, J2 mates with Molex Housing PN 09-50-1041
and both with Molex Series 5194 Crimp Terminals
Notes
Input Connector J1
Molex PN 09-65-2038
Pin 1
Line
Pin 2
Neutral
0.25” Faston
Earth
Output Connector J2
Molex PN 09-65-2048
Pin 1
+V1
Pin 2
+V1
Pin 3
RTN
Pin 4
RTN
1. For covered versions, add suffix ‘-C’ to model number or order part no. ECM40/60 COVER KIT for standalone cover, see derating curve.
The cover is not suitable for Class II installations. ‘-C’.
Output Power
Output Voltage
Output Current
Model Number(1)
Forced Cooled (10 CFM)
Convection-cooled
130 W
100 W
12.0 VDC
10.9 A
ECS130US12
130 W
100 W
15.0 VDC
8.7 A
ECS130US15
130 W
100 W
18.0 VDC
7.3 A
ECS130US18
130 W
100 W
24.0 VDC
5.4 A
ECS130US24
130 W
100 W
28.0 VDC
4.7 A
ECS130US28
130 W
100 W
48.0 VDC
2.7 A
ECS130US48
Ambient Temperature (ºC)
20
10
30
40
50
60
70
80
90
100
110
120
130
80
100
90
264
Input Voltage (VAC)
Forced-cooled >10 CFM
Convection-cooled
Convection-cooled with cover
20
10
30
40
50
60
70
80
90
100
110
120
130
-40
0
-20
60
50
70
Forced-cooled >10 CFM
Convection-cooled
Convection-cooled with cover


Similar Part No. - ECS100US15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS100US15 XPPOWER-ECS100US15 Datasheet
673Kb / 5P
   65/100/130 Watts
ECS100US15 XPPOWER-ECS100US15 Datasheet
1Mb / 10P
   80/100 W Convection & Force-cooled Ratings
More results

Similar Description - ECS100US15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS65US12 XPPOWER-ECS65US12 Datasheet
673Kb / 5P
   65/100/130 Watts
ECS60US05 XPPOWER-ECS60US05_16 Datasheet
1,016Kb / 4P
   25-60 Watts ECS Series
ECS60US05 XPPOWER-ECS60US05 Datasheet
405Kb / 4P
   2560 Watts ECS Series
logo
Integrated Power Design...
SRW-65 IPDPOWER-SRW-65 Datasheet
357Kb / 2P
   65 WATTS SRW-65 SERIES AC-DC
logo
Powerbox
PMP130 POWERBOX-PMP130 Datasheet
561Kb / 2P
   100 - 130 WATTS SINGLE OUTPUT AC/DC MEDICAL
logo
Wall Industries,Inc.
DTEM1120 WALL-DTEM1120 Datasheet
298Kb / 3P
   100 - 130 Watts, AC - DC Medical Desktop Power Supplies
logo
Artesyn Technologies
LPT101-M ARTESYN-LPT101-M Datasheet
664Kb / 4P
   Total Power: 80 - 130 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
logo
Emerson Network Power
LPT100-M EMERSON-NETWORKPOWER-LPT100-M Datasheet
371Kb / 3P
   130 Watts Medical and ITE safeties
logo
Qualtek Electronics Cor...
QADA-65-12 QUALTEK-QADA-65-12 Datasheet
617Kb / 2P
   65/72 Watts Single Output Desktop
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com