Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCC600-36U-9P Datasheet(PDF) 8 Page - Artesyn Technologies

Part # LCC600-36U-9P
Description  600 Watts Conduction Cooling
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCC600-36U-9P Datasheet(HTML) 8 Page - Artesyn Technologies

  LCC600-36U-9P Datasheet HTML 1Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 2Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 3Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 4Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 5Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 6Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 7Page - Artesyn Technologies LCC600-36U-9P Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LCC600 Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
LCC600 DS 21Oct2016
ACCESSORIES
Orderable Part Number
Description
Diagram
70-841-030
For Suffix "-9P" AC Input Mating Connector Cable Assembly
(w/ 0.3 m wire length)
73-788-001
J1501 (20 Pin Control Signal) Mating Connector with 0.3 m
wires attached for "-9P" suffix
70-841-031
Pre-Cut thermal insulator (Laird TFLEX HR220FG)
700-014447-0000
MIL-STD-461F AC input In-line EMI filter (Zhongguang
ZGLPG-10-02M)
73-769-002
USB to I2C High Speed Adaptor for PMBus Communication
750-007213-0000
J1501 (20 Pin) Mating connector with 10 Pin header termination
for use with 73-769-002
466-003103-0000
Test Heatsink for unit characterization. Size: 331 x 220 x 69 mm;
Aluminum with natural finish; Weight = 1.7 kgs
PIN 20
PIN 2
PIN 19
PIN 1
PIN 3
300 ± 5 mm
A
4
7
9
17
500±5
(17X) 300±3
B
C
A
F
D
E
50.0±3
150±3
2
15±3
M
O
215±5


Similar Part No. - LCC600-36U-9P

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LCC6-14JAW-L PANDUIT-LCC6-14JAW-L Datasheet
84Kb / 1P
   Copper Lug - Slotted Two-Hole, Long Barrel with Window
LCC6-38DW-L PANDUIT-LCC6-38DW-L Datasheet
92Kb / 1P
   COPPER LUG - TWO-HOLE, LONG BARREL WITH WINDOW
More results

Similar Description - LCC600-36U-9P

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LCC250-12U-4P ARTESYN-LCC250-12U-4P Datasheet
959Kb / 7P
   250 Watts Convection/Conduction Mounting
logo
Mean Well Enterprises C...
PHP-3500-HV MEANWELL-PHP-3500-HV Datasheet
4Mb / 11P
   3500W Conduction Cooling with High Voltage Output
PHP-3500 MEANWELL-PHP-3500 Datasheet
894Kb / 10P
   3500W Conduction Cooling with PFC Switching Supply
UHP-1500 MEANWELL-UHP-1500 Datasheet
324Kb / 7P
   1500W Conduction Cooling with PFC Switching Supply
PHP-3500-HV MEANWELL-PHP-3500-HV_V01 Datasheet
4Mb / 11P
   3500W Conduction Cooling with High Voltage Output
2022-11-28
UHP-2500 MEANWELL-UHP-2500 Datasheet
346Kb / 7P
   2500W Conduction Cooling with PFC Switching Supply
logo
Astec America, Inc
AIF120Y300 ASTEC-AIF120Y300 Datasheet
131Kb / 2P
   600 Watts
logo
NEC
LD7713 NEC-LD7713 Datasheet
54Kb / 6P
   30 GHz, 20 W CW, Conduction Cooling, Mimimum Size
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
   30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
LD7246A NEC-LD7246A Datasheet
44Kb / 4P
   14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com