Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LES40A48-1V8J Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LES40A48-1V8J
Description  DC/DC CONVERTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LES40A48-1V8J Datasheet(HTML) 1 Page - Artesyn Technologies

  LES40A48-1V8J Datasheet HTML 1Page - Artesyn Technologies LES40A48-1V8J Datasheet HTML 2Page - Artesyn Technologies LES40A48-1V8J Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC CONVERTERS
High Current, High
y, Low
1
2 YEAR WARRANTY
NEW Product
All
are typical at nominal input, full load at 25 °C ambient unless otherwise stated
SPECIFICATIONS
File Name: eighth_brick.pdf Rev (07): 16 Nov 2005
Ultra-high e ciency topology
Industry standard eighth brick footprint (identical to quarter-brick pinout)
Low pr
through-hole version
Low pr
with 38% space savings over other quarter-brick brick converters
Wi de ambient temperature range, -40 ºC to +85 ºC
80% to 110% output trim
Monotonic start-up in normal and prebiased loads
Basic insulation system
Overvoltage and overtemperature protection
Secondary side control, no optocouplers,
fast transient response
100 V, 100 ms input voltage transient rated
Available RoHS compliant
Eighth-Brick Series
S i ngl e outp u t
This is a new high e ciency, open-frame, low pr
single board, isolated dc-dc
converter series in an industry standard eight-brick footprint that provides up to 100 W of
output power. The series delivers very high output current at low voltages, and excellent
useable power for today’s high performance applications. The series features an input
voltage range of 18 Vdc to 36 Vdc and 36 Vdc to 75 Vdc and is available with output voltages of
1.2 V, 1.5 V 1.8 V, 2.5 V, 3.3 V and 5.0 V. The output voltage is adjustable from 80% to 110% of
the nominal value. The series also has a remote ON/OFF capability. Overcurrent, overvoltage and
overtemperature protection features are included as standard. Full international safety approval
including EN60950-1 VDE and UL/cUL60950, reduces compliance costs and time to market.
EMC CHARACTERISTICS
Immunity:
ESD air enclosure
EN61000-4-2 8 kV/6 kV(O/P within spec.)
Radiated
enclosure EN61000-4-3 10 V/m (O/P within spec.)
Conducted
EN61000-4-6 10 V
(O/P within spec.)
Input transients
100 V, 100 ms
GENERAL SPECIFICATIONS
Basic insulation
Input/output
2250 Vdc
z
H
k
0
8
4
d
e
x
i
F
y
c
n
e
u
q
e
r
f
g
n
i
h
c
ti
w
S
Approvals and
(See Note 3)
EN60950-1 VDE
0
5
9
0
6
L
U
c
/
L
U
s
d
r
a
d
n
a
t
s
0
-
V
4
9
L
U
y
ti
li
b
a
m
m
a
lf
l
a
ir
e
t
a
M
W
)
z
o
3
7
.
0
(
g
1
2
t
h
g
i
e
MTBF
Telcordia Tech SR-332 4,034,120 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient.
-40 °C to +85 °C
temperature
Non-operating
-55 °C to +125 °C
PROTECTION
s
u
o
u
n
it
n
o
C
ti
u
c
ri
c
t
r
o
h
S
g
n
i
h
c
t
a
l
-
n
o
N
e
g
a
tl
o
v
r
e
v
O
h
ti
w
e
r
u
t
a
r
e
p
m
e
t
t
o
p
s
t
o
h
C
º
5
2
1
l
a
m
r
e
h
T
automatic recovery
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950
File No. E135734/60950
VDE
No. 40005017. File No. 10401-3336-0197
CB Report and
to IEC60950,
No. DE1-31103
OUTPUT SPECIFICATIONS
V
%
0
1
1
o
t
%
0
8
y
ti
li
b
a
t
s
u
j
d
a
e
g
a
tl
o
%
0
d
a
o
l
m
u
m
i
n
i
M
Overshoot
At turn-on and turn-o None
e
n
o
N
t
o
o
h
s
r
e
d
n
U
Transient response
60 mV to 150 mV typ. deviation
y
r
e
v
o
c
e
r
s
µ
0
2
)
1
e
t
o
N
e
e
S
(
INPUT SPECIFICATIONS
Input voltage range
24 V nominal
18-36 Vdc
48 V nominal
36-75 Vdc
A
m
0
5
d
a
o
l
o
N
t
n
e
r
r
u
c
t
u
p
n
I
Remote OFF
5 mA
Active high remote ON/OFF
Logic compatibility
Open collector ref to -input
c
d
V
4
.
2
>
r
o
ti
u
c
ri
c
n
e
p
O
N
O
c
d
V
4
.
0
<
F
F
O
Undervoltage Lockout
24 Vin
Power up
17.5 V (typ.)
Power down
16.5 V (typ.)
48 Vin
Power up
35.5 V (typ.)
Power down
33.5 V (typ.)
48 Vin Start-up time
Power up
15 ms (typ.)
(See Note 2)
Remote ON/OFF
15 ms (typ.)


Similar Part No. - LES40A48-1V8J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LES40A48-1V8J EMERSON-NETWORKPOWER-LES40A48-1V8J Datasheet
111Kb / 3P
   DC/DC CONVERTERS
More results

Similar Description - LES40A48-1V8J

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com