Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST12CP11C-QUCE Datasheet(PDF) 5 Page - Microchip Technology

Part # SST12CP11C-QUCE
Description  2.4 GHz High-Linearity, High-Efficiency Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP11C-QUCE Datasheet(HTML) 5 Page - Microchip Technology

  SST12CP11C-QUCE Datasheet HTML 1Page - Microchip Technology SST12CP11C-QUCE Datasheet HTML 2Page - Microchip Technology SST12CP11C-QUCE Datasheet HTML 3Page - Microchip Technology SST12CP11C-QUCE Datasheet HTML 4Page - Microchip Technology SST12CP11C-QUCE Datasheet HTML 5Page - Microchip Technology SST12CP11C-QUCE Datasheet HTML 6Page - Microchip Technology SST12CP11C-QUCE Datasheet HTML 7Page - Microchip Technology SST12CP11C-QUCE Datasheet HTML 8Page - Microchip Technology SST12CP11C-QUCE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2015 Microchip Technology Inc.
DS70005143B-page 5
SST12CP11C
5.0
ELECTRICAL SPECIFICATIONS
The DC and RF specifications for the power amplifier
are specified below. Refer to Table 5-2 for the DC volt-
age and current specifications.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maxi-
mum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these conditions or conditions greater than those defined in the operational
sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may
affect device reliability.)
Input power to pin 2 and 3 (PIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -3 dBm
Supply voltage at pins 5,12,14 and 16 (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V
Reference voltage to pin 4 (VREF1) and pin 7 (VREF2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.2 V
DC supply current (ICC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 650 mA
Operating Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +85ºC
Storage Temperature (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +120ºC
Maximum Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150ºC
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
TABLE 5-1:
OPERATING RANGE
Range
Ambient Temp
VCC
Industrial
-20°C to +85°C
3.3 to 5.0V
TABLE 5-2:
DC ELECTRICAL CHARACTERISTICS AT 25ºC
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage
3.3
5.0
5.5
V
ICC
DC Current
for 802.11g, 28 dBm
500
mA
for 802.11b, 28 dBm
500
mA
ICQ
Idle Current for 802.11g to meet EVM<3% @24.5 dBm, VCC = 5.0V
280
mA
Idle Current, VCC = 3.3V
205
mA
VREG
Reference Voltage see Figure 6-8 on page 10
2.9
2.95
3.1
V
IREG
Reference Current
8mA


Similar Part No. - SST12CP11C-QUCE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
   2.4 GHz High-Power and High-Gain Power Amplifier
logo
Microchip Technology
SST12CP11-QVCE MICROCHIP-SST12CP11-QVCE Datasheet
45Kb / 2P
   2.4 GHz High-Power and High-Gain Power Amplifier
10/11
More results

Similar Description - SST12CP11C-QUCE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LP22 MICROCHIP-SST12LP22 Datasheet
278Kb / 17P
   2.4 GHz High-Linearity, High-Efficiency Power Amplifier
03/13/14
logo
Silicon Storage Technol...
SST12LP10 SST-SST12LP10 Datasheet
193Kb / 12P
   2.4 GHz High-Linearity Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43040 AVAGO-MGA-43040 Datasheet
1Mb / 16P
   High Linearity (2.3 ??2.4) GHz Power Amplifier Module
logo
Broadcom Corporation.
MGA-43040 BOARDCOM-MGA-43040 Datasheet
1Mb / 16P
   High Linearity (2.3 ??2.4) GHz Power Amplifier Module
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
logo
Silicon Storage Technol...
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
logo
Microchip Technology
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
   2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com