Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST12CP11C Datasheet(PDF) 6 Page - Microchip Technology

Part # SST12CP11C
Description  2.4 GHz High-Linearity, High-Efficiency Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP11C Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST12CP11C Datasheet HTML 2Page - Microchip Technology SST12CP11C Datasheet HTML 3Page - Microchip Technology SST12CP11C Datasheet HTML 4Page - Microchip Technology SST12CP11C Datasheet HTML 5Page - Microchip Technology SST12CP11C Datasheet HTML 6Page - Microchip Technology SST12CP11C Datasheet HTML 7Page - Microchip Technology SST12CP11C Datasheet HTML 8Page - Microchip Technology SST12CP11C Datasheet HTML 9Page - Microchip Technology SST12CP11C Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SST12CP11C
DS70005143B-page 6
 2015 Microchip Technology Inc.
TABLE 5-3:
AC ELECTRICAL CHARACTERISTICS FOR CONFIGURATION AT VCC = 5V,
VREF = 2.95V, 25ºC, 50% DUTY CYCLE
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range in 802.11b/g applications
2400
2500
MHz
POUT
Output power at 3% EVM with 802.11g OFDM at 54 Mbps
25
dBm
Output power at 2.5% EVM with 802.11n MCS7 HT20
24
dBm
Output power at 1.75% EVM with 256 QAM MCS9 HT40
23.5
dBm
Output power meeting 802.11g spectral mask
28
dBm
Output power meeting 802.11n HT20 spectral mask
26
dBm
Output power meeting MCS9-HT40 spectral mask
26
dBm
Output power meeting 802.11b spectral mask
28
dBm
Output power at 3% EVM with 802.11g, VCC = 3.3V
20.5
dBm
G
Power gain for 802.11b/g/n/256 QAM
35
37
dB
Power gain for 802.11b/g/n/256 QAM, VCC = 3.3V
38
dB
GVAR
Gain variation over band
±0.5
dB
2f
Second Harmonic at 28 dBm, 802.11b mask compliance
-15
dBm/MHz
Second Harmonic at 26 dBm
-30
dBm/MHz
3f
Third Harmonic at 28 dBm, 802.11b mask compliance
-20
dBm/MHz
Third Harmonic at 26 dBm
-50
dBm/MHz


Similar Part No. - SST12CP11C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
   2.4 GHz High-Power and High-Gain Power Amplifier
logo
Microchip Technology
SST12CP11-QVCE MICROCHIP-SST12CP11-QVCE Datasheet
45Kb / 2P
   2.4 GHz High-Power and High-Gain Power Amplifier
10/11
More results

Similar Description - SST12CP11C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LP22 MICROCHIP-SST12LP22 Datasheet
278Kb / 17P
   2.4 GHz High-Linearity, High-Efficiency Power Amplifier
03/13/14
logo
Silicon Storage Technol...
SST12LP10 SST-SST12LP10 Datasheet
193Kb / 12P
   2.4 GHz High-Linearity Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43040 AVAGO-MGA-43040 Datasheet
1Mb / 16P
   High Linearity (2.3 ??2.4) GHz Power Amplifier Module
logo
Broadcom Corporation.
MGA-43040 BOARDCOM-MGA-43040 Datasheet
1Mb / 16P
   High Linearity (2.3 ??2.4) GHz Power Amplifier Module
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
logo
Silicon Storage Technol...
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
logo
Microchip Technology
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
   2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com