Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F15S45 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # F15S45
Description  15A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

F15S45 Datasheet(HTML) 2 Page - Frontier Electronics.

  F15S45 Datasheet HTML 1Page - Frontier Electronics. F15S45 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F15S45 THRU F15S50 SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - F15S45

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
F15S-K700 MOLEX-F15S-K700 Datasheet
991Kb / 9P
   Wasserdichte Steckverbindersysteme
logo
Fairchild Semiconductor
F15S60S FAIRCHILD-F15S60S Datasheet
244Kb / 5P
   STEALTHT M II Rectifier
More results

Similar Description - F15S45

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S15A30 MOSPEC-S15A30 Datasheet
235Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(15A,30-60V)
logo
Nanjing International G...
SR1580L-15A-TO-277 DGNJDZ-SR1580L-15A-TO-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1560L-15A-277 DGNJDZ-SR1560L-15A-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1545L DGNJDZ-SR1545L Datasheet
20Mb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
logo
Mospec Semiconductor
S15D30 MOSPEC-S15D30 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(15A,70-100V)
logo
Nanjing International G...
SR1545L-15A-TO-277 DGNJDZ-SR1545L-15A-TO-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1580L-15A-277 DGNJDZ-SR1580L-15A-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1550L-15A-TO-277 DGNJDZ-SR1550L-15A-TO-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
SR1560L-15A-TO-277 DGNJDZ-SR1560L-15A-TO-277 Datasheet
338Kb / 2P
   15A Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SMPD15150L SECOS-SMPD15150L Datasheet
215Kb / 2P
   150V, 15A Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com