Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX1205A Datasheet(PDF) 20 Page - Keysight Technologies

Part # CX1205A
Description  Device Current Waveform Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

CX1205A Datasheet(HTML) 20 Page - Keysight Technologies

Back Button CX1205A Datasheet HTML 16Page - Keysight Technologies CX1205A Datasheet HTML 17Page - Keysight Technologies CX1205A Datasheet HTML 18Page - Keysight Technologies CX1205A Datasheet HTML 19Page - Keysight Technologies CX1205A Datasheet HTML 20Page - Keysight Technologies CX1205A Datasheet HTML 21Page - Keysight Technologies CX1205A Datasheet HTML 22Page - Keysight Technologies CX1205A Datasheet HTML 23Page - Keysight Technologies CX1205A Datasheet HTML 24Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20 | Keysight | CX3300 Series Device Current Waveform Analyzer - Data Sheet
Table 11. Acquisition - digital channels - CX3324A only
Maximum real time sample rate
500 MSa/s
Maximum memory depth per channel 1
128 Mpts
Minimum width glitch detect
7 ns
1. The memory depth depends on that of analog channels.
Table 12. Trigger
Source
CX3322A
Ch 1, 2, aux and line
CX3324A
Ch 1, 2, 3, 4, aux, line and digital channels
Sensitivity
Analog channel: 5% of Sensor range
Digital channel: See CX1152A characteristics
External Trigger Input: DC to 100 MHz (minimum input: 300 mVpp)
Trigger level range
Analog channel: ± Sensor range 1
Digital channel: see CX1152A
External Trigger Input: ±8 V (1 MΩ)
Trigger coupling
Analog channel
DC: high frequency reject (50 kHz low pass filter)
External Trigger input
DC, or AC: (10 Hz) low frequency reject (50 kHz high pass filter), high frequency reject (50 kHz low pass
filter)
Sweep modes
Auto, triggered, single
Trigger hold off
range
100 ns to 10 s
Trigger actions
Specify an action to occur (and the frequency of the action) when a trigger condition occurs.
1. Trigger level range for analog channels is the same as the sensor range connected to mainframe. ± Sensor range = ± 4 div. at default setting.
Table 13. Trigger modes
Edge (analog and digital)
Rising, Falling, Either
Edge transition (analog)
Rising edge > Time, Rising edge < Time, Falling edge > Time, Falling edge < Time
Glitch (analog and digital)
Positive glitch > Time, Positive glitch < Time, Positive glitch in range,
Negative glitch > Time, Negative glitch < Time, Negative glitch in range
Pulse width (analog and digital)
Positive pulse width > Time, Positive pulse width > Timeout, Positive pulse width < Time, Negative pulse
width > Time, Negative pulse width > Timeout, Negative pulse width < Time
Runt (analog)
Positive runt, Positive runt (time qualified), Negative runt, Negative runt (time qualified)
Timeout (analog and digital)
High too long, Low too long, Unchanged too long
Pattern/pulse range (analog and digital)
Pattern entered, Pattern exited, Pattern present > Time, Pattern present > Timeout, Pattern present <
Time, Pattern present in range
State (analog and digital)
Rising edge (AND), Rising edge (NAND), Falling edge (AND), Falling edge (NAND), Either edge (AND),
Either edge (NAND)
Window (analog)
Entering range, Exiting range, Inside range > Time, Inside range > Timeout, Inside range < Time, Outside
range > Time, Outside range > Timeout, Outside range < Time


Similar Part No. - CX1205A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1203A KEYSIGHT-CX1203A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1204A KEYSIGHT-CX1204A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
logo
Continental Device Indi...
CX1206MKNP00BB0 CDIL-CX1206MKNP00BB0 Datasheet
751Kb / 16P
   SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
More results

Similar Description - CX1205A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1203A KEYSIGHT-CX1203A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX3322A KEYSIGHT-CX3322A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1152A KEYSIGHT-CX1152A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1151A KEYSIGHT-CX1151A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1204A KEYSIGHT-CX1204A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1102A KEYSIGHT-CX1102A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com