Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST12LP17E-XX8E-K Datasheet(PDF) 7 Page - Microchip Technology

Part # SST12LP17E-XX8E-K
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP17E-XX8E-K Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST12LP17E-XX8E-K Datasheet HTML 3Page - Microchip Technology SST12LP17E-XX8E-K Datasheet HTML 4Page - Microchip Technology SST12LP17E-XX8E-K Datasheet HTML 5Page - Microchip Technology SST12LP17E-XX8E-K Datasheet HTML 6Page - Microchip Technology SST12LP17E-XX8E-K Datasheet HTML 7Page - Microchip Technology SST12LP17E-XX8E-K Datasheet HTML 8Page - Microchip Technology SST12LP17E-XX8E-K Datasheet HTML 9Page - Microchip Technology SST12LP17E-XX8E-K Datasheet HTML 10Page - Microchip Technology SST12LP17E-XX8E-K Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
©2014 Silicon Storage Technology, Inc.
DS-70005004G
10/14
7
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP17E
Data Sheet
Typical Performance Characteristics
Test Conditions: VCC = 3.3V, TA = 25°C, unless otherwise specified
Figure 3: S-Parameters
1426 S-Parms.1.2
-60
-50
-40
-30
-20
-10
0
10
0123456789
10
Frequency (GHz)
S11 versus Frequency
-60
-50
-40
-30
-20
-10
0
10
0123456789
10
Frequency (GHz)
S12 versus Frequency
-50
-40
-30
-20
-10
0
10
20
30
40
0123456789
10
Frequency (GHz)
S21 versus Frequency
-60
-50
-40
-30
-20
-10
0
10
0123456789
10
Frequency (GHz)
S22 versus Frequency


Similar Part No. - SST12LP17E-XX8E-K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
   2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
More results

Similar Description - SST12LP17E-XX8E-K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
logo
Silicon Storage Technol...
SST12LP08A SST-SST12LP08A Datasheet
236Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier Module
logo
Microchip Technology
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
   2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
SST12LF09 MICROCHIP-SST12LF09 Datasheet
364Kb / 15P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
logo
Silicon Storage Technol...
SST12LF03 SST-SST12LF03 Datasheet
419Kb / 18P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LF02 SST-SST12LF02 Datasheet
239Kb / 2P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com