Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

295A-04 Datasheet(PDF) 3 Page - Frontier Electronics.

Part # 295A-04
Description  SMD AIR WOUND COIL SPECIFICATION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

295A-04 Datasheet(HTML) 3 Page - Frontier Electronics.

  295A-04 Datasheet HTML 1Page - Frontier Electronics. 295A-04 Datasheet HTML 2Page - Frontier Electronics. 295A-04 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
295A Series – SMD AIR WOUND COIL SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
http://www.frontierusa.com
Page 3 of 3
667 E. Cochran St., Simi Valley, CA 93065
Phone: 1-805-522-9998, Fax: 1-805-522-9989
PACKAGING INFORMATION:
Series
Reel dimensions (mm)
Tape dimensions (mm)
Parts per reel
Quantity per
A
B
C
D
E
W
P
P0
P1
h
t
7”
13”
Box
Carton
295A
340
100
13
18.4
12.5
12
12
4
2
5.70
0.40
---
1,000
3,000
9,000
RoHS REFLOW SOLDERING PROFILE:


Similar Part No. - 295A-04

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
logo
Bud Industries, Inc.
295 BUD-295 Datasheet
28Kb / 1P
   #10-32 x 5/8 LG, TRUSS HD, SCREW #10-32 NUT RETAINER
logo
Alpha Wire
295 ALPHAWIRE-295 Datasheet
97Kb / 3P
   Customer Specification
2/20/2023
logo
Festo Corporation.
2950 FESTO-2950 Datasheet
86Kb / 1P
   Toggle lever valve
4/8/22
logo
Heyco.
2950 HEYCO-2950 Datasheet
128Kb / 1P
   Open/Closed Bushings
More results

Similar Description - 295A-04

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
297A FRONTIER-297A Datasheet
612Kb / 3P
   SMD AIR WOUND COIL SPECIFICATION
LSQ0707A FRONTIER-LSQ0707A Datasheet
400Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2222A FRONTIER-LSQ2222A Datasheet
422Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1111A FRONTIER-LSQ1111A Datasheet
599Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1515A FRONTIER-LSQ1515A Datasheet
479Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2929A FRONTIER-LSQ2929A Datasheet
412Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
293A FRONTIER-293A_15 Datasheet
241Kb / 2P
   SMD AIR WOUND COIL
LSQ0806A FRONTIER-LSQ0806A Datasheet
234Kb / 2P
   SMD AIR WOUND COIL
292AR FRONTIER-292AR Datasheet
221Kb / 2P
   SMD AIR WOUND COIL
LSQ0807A FRONTIER-LSQ0807A Datasheet
249Kb / 2P
   SMD AIR WOUND COIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com