Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV339DTBR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # LMV339DTBR2G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV339DTBR2G Datasheet(HTML) 4 Page - ON Semiconductor

  LMV339DTBR2G Datasheet HTML 1Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 2Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 3Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 4Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 5Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 6Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 7Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 8Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LMV331, NCV331, LMV393, LMV339
http://onsemi.com
4
2.7 V DC ELECTRICAL CHARACTERISTICS (All limits are guaranteed for TA = 25°C, V+ = 2.7 V, V= 0 V, VCM = 1.35 V unless
otherwise noted.)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Offset Voltage
VIO
1.7
9
mV
Input Offset Voltage Average Drift
TC VIO
5
mV/°C
Input Bias Current (Note 4)
IB
< 1
nA
Input Offset Current (Note 4)
IIO
< 1
nA
Input Voltage Range
VCM
0 to 2
V
Saturation Voltage
VSAT
ISINK ≤ 1 mA
120
mV
Output Sink Current
IO
VO ≤ 1.5 V
5
23
mA
Supply Current
LMV331
NCV331
LMV393
LMV339
ICC
40
40
70
140
100
100
140
200
mA
2.7 V AC ELECTRICAL CHARACTERISTICS (TA = 25°C, V+ = 2.7 V, RL = 5.1 kW, V= 0 V unless otherwise noted.)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Propagation Delay − High to Low
tPHL
Input Overdrive = 10 mV
Input Overdrive = 100 mV
1000
500
ns
Propagation Delay − Low to High
tPLH
Input Overdrive = 10 mV
Input Overdrive = 100 mV
800
200
ns
4. Guaranteed by design and/or characterization.


Similar Part No. - LMV339DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV339DTBR2G ONSEMI-LMV339DTBR2G Datasheet
916Kb / 21P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
LMV339DTBR2G ONSEMI-LMV339DTBR2G Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results

Similar Description - LMV339DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
logo
Texas Instruments
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
   General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
ams AG
AS1970 AMSCO-AS1970_1 Datasheet
754Kb / 18P
   Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970_05 Datasheet
1Mb / 19P
   Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970 Datasheet
147Kb / 2P
   Low-Voltage Single/Dual/Quad Comparators
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
[Old version datasheet]   Quad General Purpose, Low Voltage, Tiny Pack Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com